Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFR855 Datasheet(PDF) 2 Page - STMicroelectronics

Part # PFR855
Description  FAST RECOVERY RECTIFIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PFR855 Datasheet(HTML) 2 Page - STMicroelectronics

  PFR855 Datasheet HTML 1Page - STMicroelectronics PFR855 Datasheet HTML 2Page - STMicroelectronics PFR855 Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Synbol
Test Conditions
Min.
Typ.
Max.
Unit
IR
Tj = 25°C
VR = VRRM
10
µA
Tj = 100°C
250
VF
Tj = 25°C
IF = 3A
1.25
V
STATIC ELECTRICAL CHARACTERISTICS
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
trr
Tj = 25°C
IF = 1A
PRF 850
→854
150
ns
VR = 30V
diF/dt = - 25A/
µs
PRF 856
200
IRM
Tj = 25°C
IF = 1A
2
A
VR = 30V
diF/dt = -25A/
µs
RECOVERY CHARACTERISTICS
Symbol
Parameter
Value
Unit
Rth (j - a)
Junction-ambient*
25
°C/W
* On infinite heatsink with 10mm lead lengh.
THERMAL RESISTANCE
PFR850 -> 856
2/3


Similar Part No. - PFR855

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PFR855S STMICROELECTRONICS-PFR855S Datasheet
30Kb / 3P
   FAST RECOVERY RECTIFIER DIODES
More results

Similar Description - PFR855

ManufacturerPart #DatasheetDescription
logo
Semikron International
SKN3F20 SEMIKRON-SKN3F20 Datasheet
451Kb / 3P
   Fast Recovery Rectifier Diode
SKN136F SEMIKRON-SKN136F Datasheet
358Kb / 3P
   Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT12P-1000 STMICROELECTRONICS-BYT12P-1000 Datasheet
99Kb / 5P
   FAST RECOVERY RECTIFIER DIODE
BYT08P-1000 STMICROELECTRONICS-BYT08P-1000 Datasheet
46Kb / 4P
   FAST RECOVERY RECTIFIER DIODE
BYT3400B STMICROELECTRONICS-BYT3400B Datasheet
43Kb / 3P
   FAST RECOVERY RECTIFIER DIODE
logo
EIC discrete Semiconduc...
EU1C EIC-EU1C Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
logo
Semikron International
SKR48F SEMIKRON-SKR48F Datasheet
267Kb / 3P
   Fast Recovery Rectifier Diode
logo
STMicroelectronics
BYT30PI-1000RG STMICROELECTRONICS-BYT30PI-1000RG Datasheet
112Kb / 5P
   FAST RECOVERY RECTIFIER DIODE
logo
Taiwan Semiconductor Co...
ES0406D1 TSC-ES0406D1 Datasheet
88Kb / 3P
   Fast Recovery Rectifier Diode
logo
EIC discrete Semiconduc...
EP01C EIC-EP01C Datasheet
133Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
RU3YX EIC-RU3YX_V01 Datasheet
78Kb / 2P
   FAST RECOVERY RECTIFIER DIODE
Rev. 02 : March 25, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com