Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V43658R04VXTG-10PC Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V43658R04VXTG-10PC
Description  3.3 VOLT 8M x 64 UNBUFFERED SDRAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V43658R04VXTG-10PC Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V43658R04VXTG-10PC Datasheet HTML 2Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 3Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 4Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 5Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 6Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 7Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 8Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 9Page - Mosel Vitelic, Corp V43658R04VXTG-10PC Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
V43658R04V Rev. 1.0 March 2002
MOSEL VITELIC
V43658R04V
Capacitance
TA = 0°C to 70°C; VDD = 3.3V ± 0.3V, f = 1 MHz
Absolute Maximum Ratings
II(L)
Input Leakage Current, any input
(0 V < VIN < 3.6 V, all other inputs = 0V)
–40
40
µA
IO(L)
Output leakage current
(DQ is disabled, 0V < VOUT < VCC)
–40
40
µA
Symbol
Parameter
Limit Values
Unit
Max. 8M x 64
CI1
Input Capacitance (A0 to A11, RAS, CAS, WE)60
pF
CI2
Input Capacitance (CS0-CS3)30
pF
CICL
Input Capacitance (CLK0-CLK3)
22
pF
CI3
Input Capacitance (CKE0, CKE1)
50
pF
CI4
Input Capacitance (DQM0-DQM7)
15
pF
CIO
Input/Output Capacitance (I/O1-I/064)
15
pF
CSC
Input Capacitance (SCL, SA0-2)
8
pF
CSD
Input/Output Capacitance (SA0-SA2)
10
pF
Parameter
Max.
Units
Voltage on VDD Supply Relative to VSS
-1 to 4.6
V
Voltage on Input Relative to VSS
-1 to 4.6
V
Operating Temperature
0 to +70
°C
Storage Temperature
-55 to 125
°C
Power Dissipation
4W
Symbol
Parameter
Limit Values
Unit
Min.
Max.


Similar Part No. - V43658R04VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43658Y04VATG-10PC MOSEL-V43658Y04VATG-10PC Datasheet
159Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-75 MOSEL-V43658Y04VATG-75 Datasheet
258Kb / 11P
   64MB 168-PIN 133 MHZ SDRAM UNBUFFERED SODIMM 3.3 VOLT, 8M x 64
V43658Y04VATG-75PC MOSEL-V43658Y04VATG-75PC Datasheet
71Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results

Similar Description - V43658R04VXTG-10PC

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43648S04VCTG-10PC MOSEL-V43648S04VCTG-10PC Datasheet
63Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SDRAM MODULE
V43648S04VCTG-75 MOSEL-V43648S04VCTG-75 Datasheet
166Kb / 12P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516R04VATG-10PC MOSEL-V436516R04VATG-10PC Datasheet
223Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC100 UNBUFFERED SDRAM MODULE
V436516R04VATG-75 MOSEL-V436516R04VATG-75 Datasheet
189Kb / 12P
   3.3 VOLT 16M x 64 using 8M x 16 PC133 UNBUFFERED SDRAM MODULE
V43648Y04VCTG-10PC MOSEL-V43648Y04VCTG-10PC Datasheet
145Kb / 10P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-10PC MOSEL-V43658Y04VATG-10PC Datasheet
159Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 100 MHZ SDRAM UNBUFFERED SODIMM
V43658Y04VATG-75PC MOSEL-V43658Y04VATG-75PC Datasheet
71Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436516R04VL MOSEL-V436516R04VL Datasheet
381Kb / 12P
   3.3 VOLT 16M x 64 LOW PROFILE UNBUFFERED SDRAM MODULE
V82658J04S MOSEL-V82658J04S Datasheet
319Kb / 13P
   2.5 VOLT 8M x 64 HIGH PERFORMANCE UNBUFFERED DDR SDRAM MODULE
V436664S24V MOSEL-V436664S24V Datasheet
184Kb / 12P
   3.3 VOLT 64M x 64 HIGH PERFORMANCE UNBUFFERED SDRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com