Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS1539-BTST Datasheet(PDF) 2 Page - ams AG

Part # AS1539-BTST
Description  8/4-Channel, 10-Bit I짼C Analog-to-Digital Converter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1539-BTST Datasheet(HTML) 2 Page - ams AG

  AS1539-BTST Datasheet HTML 1Page - ams AG AS1539-BTST Datasheet HTML 2Page - ams AG AS1539-BTST Datasheet HTML 3Page - ams AG AS1539-BTST Datasheet HTML 4Page - ams AG AS1539-BTST Datasheet HTML 5Page - ams AG AS1539-BTST Datasheet HTML 6Page - ams AG AS1539-BTST Datasheet HTML 7Page - ams AG AS1539-BTST Datasheet HTML 8Page - ams AG AS1539-BTST Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
www.austriamicrosystems.com
Revision 1.02
2 - 20
AS1539/AS1541
Data Sheet - P i n o u t
4 Pinout
Pin Assignments
Figure 2. Pin Assignments (Top View)
Pin Descriptions
Table 1. Pin Descriptions
AS1539
AS1541
Pin Name
Description
-
1:3,16
CH0:CH3
Analog Input Channels 0 to 3
1:8
-
CH0:CH7
Analog Input Channels 0 to 7
96
GND
Analog Ground
10
7
REFIN/OUT
Internal Reference/External Reference Input
11
8
COM
Analog Input Channel Common
12
10
A0
Slave Address Bit 0
13
11
A1
Slave Address Bit 1
14
12
SCL
Serial Clock
15
13
SDA
Serial Data
16
15
+VDD
Power Supply Input. 2.7 to 5.25V.
-
4, 5, 9, 14
NC
Not Connected
10 REFIN/OUT
3
CH2
2
CH1
1
CH0
16 +VDD
AS1539
4
CH3
15 SDA
12 A0
5
CH4
8
CH7
6
CH5
7
CH6
14 SCL
13 A1
11 COM
9GND
SCL
13
6
12
A0
10
5
14
15
CH1
1
CH2
2
N/C
4
AS1541
CH3
3
7
8
N/C
9
A1
11
16


Similar Part No. - AS1539-BTST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1539-BTST AMSCO-AS1539-BTST Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
More results

Similar Description - AS1539-BTST

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1539 AMSCO-AS1539_1 Datasheet
746Kb / 20P
   8/4-Channel, 10-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS5277 TI1-ADS5277_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 10-Bit, 65MSPS Analog-to-Digital Converter
logo
Zilog, Inc.
Z8F16800128ZCOG ZILOG-Z8F16800128ZCOG Datasheet
249Kb / 19P
   Optional fast 8-channel, 10-bit Analog-to-Digital Converter
logo
ams AG
AS1538 AMSCO-AS1538_1 Datasheet
749Kb / 20P
   8/4-Channel, 12-Bit I2C Analog-to-Digital Converter
logo
Texas Instruments
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
ADS1217 TI1-ADS1217_14 Datasheet
1Mb / 34P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1217IPFBRG4 TI1-ADS1217IPFBRG4 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_14 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1216 TI1-ADS1216_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS1217 BURR-BROWN-ADS1217 Datasheet
458Kb / 28P
   8-Channel, 24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com