Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC860PZQ66D4 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MPC860PZQ66D4
Description  PowerQUICC??Family Hardware Specifications
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC860PZQ66D4 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MPC860PZQ66D4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC860PZQ66D4 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
MPC860 PowerQUICC™ Family Hardware Specifications, Rev. 8
8
Freescale Semiconductor
Thermal Characteristics
Figure 1 shows the undershoot and overshoot voltages at the interface of the MPC860.
Figure 1. Undershoot/Overshoot Voltage for VDDH and VDDL
4
Thermal Characteristics
Table 3. Package Description
Package Designator
Package Code (Case No.)
Package Description
ZP
5050 (1103-01)
PBGA 357 25*25*0.9P1.27
ZQ/VR
5058 (1103D-02)
PBGA 357 25*25*1.2P1.27
GND
GND – 0.3 V
GND – 0.7 V
Not to Exceed 10%
VDDH/VDDL + 20%
VDDH/VDDL
VDDH/VDDL + 5%
of tinterface
1
1. tinterface refers to the clock period associated with the bus clock interface.
VIH
VIL
Note:


Similar Part No. - MPC860PZQ66D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC860PZQ66D4 FREESCALE-MPC860PZQ66D4 Datasheet
1Mb / 80P
   Hardware Specifications
MPC860PZQ66D4R2 FREESCALE-MPC860PZQ66D4R2 Datasheet
1Mb / 80P
   Hardware Specifications
More results

Similar Description - MPC860PZQ66D4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC862 FREESCALE-MPC862_06 Datasheet
1Mb / 88P
   PowerQUICC??Family Hardware Specifications
MPC8270VVUPEA FREESCALE-MPC8270VVUPEA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8270ZQMIBA FREESCALE-MPC8270ZQMIBA Datasheet
624Kb / 83P
   PowerQUICC II Family Hardware Specifications
MPC8247VRTMFA FREESCALE-MPC8247VRTMFA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
logo
Motorola, Inc
MPC8280 MOTOROLA-MPC8280 Datasheet
1Mb / 76P
   PowerQUICC II Family Hardware Specifications
logo
NXP Semiconductors
MPC860EC NXP-MPC860EC Datasheet
1Mb / 77P
   MPC860 PowerQUICC Family Hardware Specifications
Rev. 10, 09/2015
logo
Freescale Semiconductor...
MPC8272 FREESCALE-MPC8272_06 Datasheet
921Kb / 60P
   PowerQUICC II??Family Hardware Specifications
MPC8248VRPIEA FREESCALE-MPC8248VRPIEA Datasheet
400Kb / 61P
   PowerQUICC II Family Hardware Specifications
MPC8272EC FREESCALE-MPC8272EC Datasheet
748Kb / 60P
   PowerQUICC II??Family Hardware Specifications
logo
NXP Semiconductors
MPC8280 NXP-MPC8280 Datasheet
928Kb / 83P
   PowerQUICC II Family Hardware Specifications
Rev. 2, 09/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com