Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6887RETE Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX6887RETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6887RETE Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX6887RETE Datasheet HTML 6Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 7Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 8Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 9Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 10Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 11Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 12Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 13Page - Maxim Integrated Products MAX6887RETE Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
At power-up, WDO goes high after tD-PO (see Figure 3).
The initial watchdog timeout period (tWDI) applies imme-
diately after WDO is high. The initial watchdog timeout
period allows the µP to perform its initialization process.
A normal watchdog timeout period (tWD) applies when-
ever WDI transitions from high to low after the initial
watchdog timeout period occurs. WDI monitors the tog-
gling output of the µP, indicating normal processor
behavior. If WDI does not toggle during the normal
watchdog timeout period (tWD), indicating that the
processor has stopped operating or is stuck in an infinite
execution loop, WDO goes low. WDO stays low until the
next transition on WDI. An initial watchdog timeout peri-
od (tWDI) starts when WDO goes high.
If WDO is connected to MR, the WDO will assert for a
short duration (~5µs), long enough to assert the RESET
output. Asserting RESET clears the watchdog timer and
WDO goes high. The reset output will remain asserted
for its timeout period after a watchdog fault. The watch-
dog timer stays cleared as long as RESET is low.
Applications Information
Layout and Bypassing
For better noise immunity, bypass each of the voltage-
detector inputs to GND with 0.1µF capacitors installed
as close to the device as possible. Bypass VCC and BP
to GND with 1µF capacitors installed as close to the
device as possible. VCC (when not externally supplied)
and BP are internally generated voltages and should
not be used to supply power to external circuitry.
Hex/Quad, Power-Supply Supervisory Circuits
______________________________________________________________________________________
11
Selector Guide (continued)
NOMINAL INPUT
VOLTAGE (V)*
PART
IN1
IN2
IN3
IN4
TOLERANCE
(%)
MAX6888AETE
5.0
3.3
2.5
1.8
5
MAX6888BETE
5.0
3.3
2.5
Adj
5
MAX6888CETE
5.0
3.3
1.8
Adj
5
MAX6888DETE
3.3
2.5
1.8
1.5
5
MAX6888EETE
3.3
2.5
1.8
Adj
5
MAX6888FETE
3.3
2.5
1.5
Adj
5
MAX6888GETE
3.3
2.5
Adj
Adj
5
MAX6888HETE
3.3
1.8
Adj
Adj
5
MAX6888QETE
Adj
Adj
Adj
Adj
5
MAX6888IETE
5.0
3.3
2.5
1.8
10
MAX6888JETE
5.0
3.3
2.5
Adj
10
MAX6888KETE
5.0
3.3
1.8
Adj
10
MAX6888LETE
3.3
2.5
1.8
1.5
10
MAX6888METE
3.3
2.5
1.8
Adj
10
MAX6888NETE
3.3
2.5
1.5
Adj
10
MAX6888OETE
3.3
2.5
Adj
Adj
10
MAX6888PETE
3.3
1.8
Adj
Adj
10
MAX6888RETE
Adj
Adj
Adj
Adj
10
*See thresholds options tables (Tables 1 and 2) for actual under-
voltage and overvoltage thresholds.
Chip Information
PROCESS: BiCMOS


Similar Part No. - MAX6887RETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887RETE MAXIM-MAX6887RETE Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
More results

Similar Description - MAX6887RETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887_10 Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com