Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCFU8331K5 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MCFU8331K5
Description  Ceramic Disc Capacitors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFU8331K5 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MCFU8331K5 Datasheet HTML 1Page - List of Unclassifed Manufacturers MCFU8331K5 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFU8331K5 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFU8331K5 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MCBU, MCFU Series
Ceramic Disc Capacitors
Page 2
31/08/06 V1.0
Temperature
Characteristics
Part
Diameter
Rated
Voltage
(V)
Capacitance
Maximum Dimension
Range
(pF)
Tolerance
D
T
F
MCF
(Z5V) +22% to -82%
5
U
(50)
1000 ~ 5600
Z
5.5
3.5
5.00
Part Number Explanation:
Temperature Characteristics Code:
MCB (Y5P)
MCF(Z5V)
T.C.(PPM/°C) or Capacitance
Change (%)
+10%
+22% to -82%
Dimensions : Millimetres
Rated Voltage:
U
Voltage
50V
Part Diameter:
Code
Diameter
(mm)
5
5
6
6
7
7
8
8
Capacitance Code:
Code
Capacitance
(pF)
101
100
221
220
331
330
471
470
102
1000
222
2200
332
3300
472
4700
MCB
Temperature
Characteristics
Code
5
101
U
5
K
Rated
Voltage
Part
Diameter
Capacitance
Code
Tolerance
Code
Lead Configuration
Code - Bulk and Taping
Package


Similar Part No. - MCFU8331K5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFUM5 ETC1-MCFUM5 Datasheet
63Kb / 3P
   Monolithic Crystal Filters (MCFs)
More results

Similar Description - MCFU8331K5

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
473GMR012M ILLINOISCAPACITOR-473GMR012M Datasheet
23Kb / 1P
   Ceramic Disc Capacitors
logo
NIC-Components Corp.
NCD102K1KVY5FF NIC-NCD102K1KVY5FF Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
logo
Vatronics Technologies ...
VCC VATRONICS-VCC Datasheet
56Kb / 2P
   Ceramic Disc Capacitors
logo
MERITEK ELECTRONICS COR...
CCNPO101J50V5B1 MERITEK-CCNPO101J50V5B1 Datasheet
337Kb / 6P
   Ceramic Disc Capacitors
logo
AVX Corporation
5SS103MBKCA AVX-5SS103MBKCA Datasheet
70Kb / 4P
   Disc Ceramic Capacitors
logo
Vishay Siliconix
D331G47U2JH63L2R VISHAY-D331G47U2JH63L2R Datasheet
321Kb / 6P
   Ceramic Disc Capacitors
Revision: 07-Jan-10
logo
NIC-Components Corp.
NCD2 NIC-NCD2 Datasheet
130Kb / 4P
   Ceramic Disc Capacitors
NCD4 NIC-NCD4 Datasheet
100Kb / 4P
   Ceramic Disc Capacitors
logo
AVX Corporation
5GK180JABAA AVX-5GK180JABAA Datasheet
61Kb / 3P
   Disc Ceramic Capacitors
logo
Mallory performance clu...
GT415 MALLORY-GT415 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com