Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MXO45TLV-6I-M Datasheet(PDF) 1 Page - CTS Corporation

Part # MXO45TLV-6I-M
Description  METAL DIP CLOCK OSCILLATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

MXO45TLV-6I-M Datasheet(HTML) 1 Page - CTS Corporation

  MXO45TLV-6I-M Datasheet HTML 1Page - CTS Corporation MXO45TLV-6I-M Datasheet HTML 2Page - CTS Corporation MXO45TLV-6I-M Datasheet HTML 3Page - CTS Corporation MXO45TLV-6I-M Datasheet HTML 4Page - CTS Corporation MXO45TLV-6I-M Datasheet HTML 5Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document No. 008-0278-0
Page 1 - 5
Rev. C
٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠
٠ ٠ ٠ www.ctscorp.com ٠ ٠ ٠
MXO45LV/MXO45HSLV
METAL DIP CLOCK OSCILLATOR
FEATURES
• Standard 14 Pin or 8 Pin DIP Footprint
• HCMOS/TTL Compatible
• Fundamental and 3rd Overtone Crystals
• Frequency Range 1.0 – 50 MHz
• Frequency Stability, ±50 ppm Standard
(±25 ppm and ±20 ppm available)
• +3.3Vdc Operation
• Operating Temperature to –40°C to +85°C
• Output Enable Option
• RoHS/Green Compliant
ORDERING INFORMATION
MXO
OPERATING TEMPERATURE RANGE
FREQUENCY STABILITY
C = -20°C to +70°C (standard)
I = -40°C to +85°C
6 = ± 20 ppm (-20°C to +70°C only)
5 = ± 25 ppm
3 = ± 50 ppm (standard)
2 = ± 100 ppm
SUPPLY VOLTAGE
FREQUENCY IN MHz
45LV = 14 Pin DIP/STD Output
45TLV = 14 Pin DIP/Tristate Output
45HSLV = 8 Pin DIP/STD Output
45HSTLV = 8 Pin DIP/Tristate Output
M - indicates MHz and decimal point.
Frequency is recorded with minimum 4
significant digits to the right of the "M".
M
-
-
Example Part Number: MXO45LV-3C-32M7680 or MXO45HSLV-3C-32M7680
DESCRIPTION
The MXO45LV/MXO45HSLV is a DIP packaged
Clock oscillator offering reliable performance at
an economical cost. The enhanced stability
means it is the perfect choice for today’s
communications applications that require tight
frequency control.


Similar Part No. - MXO45TLV-6I-M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MXO45T-2C ETC1-MXO45T-2C Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
CTS Corporation
MXO45T-2C CTS-MXO45T-2C Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45T-2I ETC1-MXO45T-2I Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
CTS Corporation
MXO45T-2I CTS-MXO45T-2I Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45T-3C ETC1-MXO45T-3C Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
More results

Similar Description - MXO45TLV-6I-M

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
MXO45 CTS-MXO45 Datasheet
158Kb / 5P
   METAL DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
MXO45 ETC1-MXO45 Datasheet
77Kb / 3P
   Metal DIP Clock Oscillator
logo
ECS, Inc.
ECS-2200 ECS-ECS-2200 Datasheet
189Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2200 ETC1-ECS-2200 Datasheet
106Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2100 ECS-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
ECS-2100X ECS-ECS-2100X Datasheet
182Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-2100 ETC1-ECS-2100 Datasheet
170Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2200X ECS-ECS-2200X Datasheet
183Kb / 1P
   8 PIN DIP CLOCK OSCILLATOR
logo
Oscilent Corporation
320-4.0M-3DN-TNC OSCILENT-320-4.0M-3DN-TNC Datasheet
143Kb / 3P
   Metal Dip Half Size Clock Oscillators
330-2.0M-5DN-TNC OSCILENT-330-2.0M-5DN-TNC Datasheet
140Kb / 3P
   Metal Dip Full Size Clock Oscillators
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com