Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRBV55CL-1030-1090 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CRBV55CL-1030-1090
Description  VCO (voltage controlled oscillator)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CRBV55CL-1030-1090 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CRBV55CL-1030-1090 Datasheet HTML 1Page - CRYSTEK CORPORATION CRBV55CL-1030-1090 Datasheet HTML 2Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MIN
TYP
UNITS
MAX
PERFORMANCE SPECIFICATION
MHz pk-pk
Lower Frequency:
Upper Frequency:
Tuning Voltage:
Supply Voltage:
Output Power:
Supply Current:
Harmonic Suppression (2
nd Harmonic)
Pushing:
Pulling, all Phases:
Tuning Sensitivity:
Input Capacitance:
Storage Temperature Range:
Operating Temperature Range:
Load Impedance:
Phase Noise @ 10kHz offset:
MHz
MHz
VDC
VDC
dBm
mA
dBc
MHz/V
dBc/Hz
pF
°C
°C
1030
1090
4.5
0.5
4.75
5.0
21
50
-40
-45
+85
+90
+3.0
-3.0
Phase Noise @ 100kHz offset:
dBc/Hz
0
MHz/V
5.25
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Product Control:
Crystek Part Number:
Revision Level:
Release Date:
Responsible:
B
C. Vales
12-Dec-07
CRBV55CL-1030-1090
Page 1 of 2
Box
ed
R
Unless otherwise specified, Dimensions are in: IN
(mm)
Vcc
RF
Vt
0.625
(15.88)
0.625
(15.88)
0.625
(15.88)
1.250
(31.75)
Ø 0.118
Thru 2x
(3.00)
FRONT
BACK
1.000
(25.40)
1.000
(25.40)
1.250
(31.75)
0.590
(14.99)
SIDE
CRYSTEK
MICROWAVE
CRBV55CL
1030-1090MHz
VCO
SMA
X3
0.250
(6.35)
Ø 0.118
Thru 2x
(3.00)
-110
-132
25
30
1.0
1.5
-15
35
0.5
1.0


Similar Part No. - CRBV55CL-1030-1090

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CRBV55CL-1032-1088 CRYSTEKMICROWAVE-CRBV55CL-1032-1088 Datasheet
186Kb / 2P
   VCO
More results

Similar Description - CRBV55CL-1030-1090

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CVCO55CW-0250-0450 ETC-CVCO55CW-0250-0450 Datasheet
176Kb / 2P
   Voltage Controlled Oscillator-VCO
logo
CRYSTEK CORPORATION
CRBV33BE-1823-1903 CRYSTEKMICROWAVE-CRBV33BE-1823-1903 Datasheet
60Kb / 2P
   VCO (voltage controlled oscillator).
CRBV33CL-0435-0470 CRYSTEKMICROWAVE-CRBV33CL-0435-0470 Datasheet
58Kb / 2P
   VCO (voltage controlled oscillator).
CRBV55BE-1350-1400 CRYSTEKMICROWAVE-CRBV55BE-1350-1400 Datasheet
59Kb / 2P
   VCO (voltage controlled oscillator).
CVCO55CL-0150-0200 CRYSTEKMICROWAVE-CVCO55CL-0150-0200 Datasheet
216Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR-VCO
CRBV55BE-1530-2900 CRYSTEKMICROWAVE-CRBV55BE-1530-2900 Datasheet
59Kb / 2P
   VCO (voltage controlled oscillator).
CVCO55BX-2425-2820 CRYSTEKMICROWAVE-CVCO55BX-2425-2820 Datasheet
201Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR-VCO
CVCO55BH-5450-5550 CRYSTEKMICROWAVE-CVCO55BH-5450-5550 Datasheet
218Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR-VCO
CRBV55BE-1820-2100 CRYSTEKMICROWAVE-CRBV55BE-1820-2100 Datasheet
60Kb / 2P
   VCO (voltage controlled oscillator)
CRBV55BE-1950-2150 CRYSTEKMICROWAVE-CRBV55BE-1950-2150 Datasheet
59Kb / 2P
   VCO (voltage controlled oscillator)
CRBV55BE-2100-2300 CRYSTEKMICROWAVE-CRBV55BE-2100-2300 Datasheet
59Kb / 2P
   VCO (voltage controlled oscillator)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com