Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5846AP Datasheet(PDF) 11 Page - Nippon Precision Circuits Inc

Part # SM5846AP
Description  Multi-function Digital Filter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5846AP Datasheet(HTML) 11 Page - Nippon Precision Circuits Inc

Back Button SM5846AP_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 13Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 14Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 15Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
SM5846AP
SEIKO NPC CORPORATION —11
Microprocessor serial interface timing (MDCK, MDT, MDLE)
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −20 to 70°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
MDCK pulse cycle time
tMCY
100
ns
MDCK HIGH-level pulsewidth
tMCWH
50
ns
MDCK LOW-level pulsewidth
tMCWL
50
ns
MDT setup time
tMDS
20
ns
MDT hold time
tMDH
20
ns
MDCK rising edge to MDLE edge time
tMCL
50
ns
MDLE edge to MDCK rising edge time
tMLC
50
ns
MDLE HIGH-level pulsewidth
tMLWH
20
ns
MDLE LOW-level pulsewidth
tMLWL
20
ns
0.5VDD
MDT
0.5VDD
MDLE
0.5VDD
MDCK
tMCY
tMCWH
tMCWL
tMDS
tMDH
tMCL
tMCL
tMLWL
tMLWH


Similar Part No. - SM5846AP_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5846AP NPC-SM5846AP Datasheet
431Kb / 36P
   Multi-function Digital Filter
More results

Similar Description - SM5846AP_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5846AP NPC-SM5846AP Datasheet
431Kb / 36P
   Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com