Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM5846AP Datasheet(PDF) 9 Page - Nippon Precision Circuits Inc

Part # SM5846AP
Description  Multi-function Digital Filter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM5846AP Datasheet(HTML) 9 Page - Nippon Precision Circuits Inc

Back Button SM5846AP_06 Datasheet HTML 5Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 6Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 7Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 8Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 9Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 10Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 11Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 12Page - Nippon Precision Circuits Inc SM5846AP_06 Datasheet HTML 13Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
SM5846AP
SEIKO NPC CORPORATION —9
AC Characteristics
XTI input timing
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −20 to 70°C
RST input timing
VDD = 4.5 to 5.5V, VSS = 0V, Ta = −20 to 70°C
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Oscillator frequency
fOSC
10
18.5
MHz
XTI clock pulse cycle time
tXI
54
ns
XTI HIGH-level clock pulsewidth
tCWH
24
ns
XTI LOW-level clock pulsewidth
tCWL
24
ns
Parameter
Symbol
Condition
Rating
Unit
min
typ
max
Reset pulsewidth
tRST
When power is applied
1
µs
At all other times
50
ns
tXI
tCHW
tCHW
XTI
0.5VDD
RST
tRST
0.5VDD


Similar Part No. - SM5846AP_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5846AP NPC-SM5846AP Datasheet
431Kb / 36P
   Multi-function Digital Filter
More results

Similar Description - SM5846AP_06

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5846AP NPC-SM5846AP Datasheet
431Kb / 36P
   Multi-function Digital Filter
SM5841D NPC-SM5841D Datasheet
601Kb / 21P
   Audio Multi-function Digital Filter
SM5843A NPC-SM5843A Datasheet
263Kb / 24P
   Audio Multi-function Digital Filter
SM5841C NPC-SM5841C Datasheet
460Kb / 16P
   Audio Multi-function Digital Filter
SM5841H NPC-SM5841H Datasheet
167Kb / 20P
   Audio Multi-function Digital Filter
SM5841A NPC-SM5841A Datasheet
750Kb / 27P
   Audio Multi-function Digital Filter
SM5840FS NPC-SM5840FS Datasheet
1Mb / 14P
   AUDIO MULTI-FUNCTION DIGITAL FILTER
SM5840JP NPC-SM5840JP Datasheet
549Kb / 18P
   Audio Multi-function Digital Filter
SM5840A NPC-SM5840A Datasheet
5Mb / 28P
   For Digital Audio Multi-function Digital Filter
SM5803AP NPC-SM5803AP Datasheet
1Mb / 16P
   Multi-function Digital Filter for Digital Audio
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com