Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6887-ETE Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX6887-ETE
Description  Hex/Quad, Power-Supply Supervisory Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6887-ETE Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX6887-ETE Datasheet HTML 5Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 6Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 7Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 8Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 9Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 10Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 11Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 12Page - Maxim Integrated Products MAX6887-ETE Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
existing state while system-level testing occurs. Leave
MARGIN unconnected or connect to BP if unused. An
internal 10µA current source pulls MARGIN to BP.
MARGIN overrides MR if both are asserted at the
same time. The state of RESET, OV, and WDO does not
change while MARGIN = GND.
RESET, OV, and WDO Outputs
The MAX6887/MAX6888 feature three active-low open-
drain outputs: RESET, OV, and WDO. After power-up or
overvoltage/undervoltage conditions, RESET and OV
remain in their active states until their timeout periods
expire and no undervoltage/overvoltage conditions are
present (see Figure 2).
OV asserts when any monitored input is above its over-
voltage threshold and remains asserted until all inputs
are below their thresholds and its respective 25µs time-
out period expires. Connect OV to MR to bring RESET
low during an overvoltage condition. OV requires a
pullup resistor (unless connected to MR).
RESET asserts when any monitored input is below its
undervoltage threshold or MR is asserted. RESET
remains asserted for 200ms after all assertion-causing
conditions have been cleared. Configure RESET to
assert when the watchdog timer expires by connecting
WDO to MR. RESET requires a pullup resistor.
WDO asserts when the watchdog timer expires. See
the Configuring the Watchdog Timer section for a com-
plete description. WDO requires a pullup resistor.
Configuring the Watchdog Timer
A watchdog timer monitors microprocessor (µP) soft-
ware execution for a stalled condition and resets the µP
if it stalls. Connect the watchdog timer output WDO to
the reset input or a nonmaskable interrupt of the µP.
The watchdog timer features independent initial and
normal watchdog timeout periods of 102.4s and 1.6s,
respectively.
Hex/Quad, Power-Supply Supervisory Circuits
_______________________________________________________________________________________
9
Table 2. MAX6888 Threshold Options
UV THRESHOLDS (V)
OV THRESHOLDS (V)
PART
IN1
IN2
IN3
IN4
IN1
IN2
IN3
IN4
MAX6888AETE
4.620
3.060
2.310
1.670
5.360
3.540
2.680
1.930
MAX6888BETE
4.620
3.060
2.310
0.557
5.360
3.540
2.680
0.643
MAX6888CETE
4.620
3.060
1.670
0.557
5.360
3.540
1.930
0.643
MAX6888DETE
3.060
2.310
1.670
1.390
3.540
2.680
1.930
1.610
MAX6888EETE
3.060
2.310
1.670
0.557
3.540
2.680
1.930
0.643
MAX6888FETE
3.060
2.310
1.390
0.557
3.540
2.680
1.610
0.643
MAX6888GETE
3.060
2.310
0.557
0.557
3.540
2.680
0.643
0.643
MAX6888HETE
3.060
1.670
0.557
0.557
3.540
1.930
0.643
0.643
MAX6888QETE
0.527
0.527
0.527
0.527
0.673
0.673
0.673
0.673
MAX6888IETE
4.380
2.880
2.190
1.580
5.620
3.700
2.810
2.020
MAX6888JETE
4.380
2.880
2.190
0.527
5.620
3.700
2.810
0.673
MAX6888KETE
4.380
2.880
1.580
0.527
5.620
3.700
2.020
0.673
MAX6888LETE
2.880
2.190
1.580
1.310
3.700
2.810
2.020
1.680
MAX6888METE
2.880
2.190
1.580
0.527
3.700
2.810
2.020
0.673
MAX6888NETE
2.880
2.190
1.310
0.527
3.700
2.810
1.680
0.673
MAX6888OETE
2.880
2.190
0.527
0.527
3.700
2.810
0.673
0.673
MAX6888PETE
2.880
1.580
0.527
0.527
3.700
2.020
0.673
0.673
MAX6888RETE
0.557
0.557
0.557
0.557
0.643
0.643
0.643
0.643


Similar Part No. - MAX6887-ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887 Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6887AETE MAXIM-MAX6887AETE Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6887BETE MAXIM-MAX6887BETE Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6887CETE MAXIM-MAX6887CETE Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6887DETE MAXIM-MAX6887DETE Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
More results

Similar Description - MAX6887-ETE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6887 MAXIM-MAX6887_10 Datasheet
137Kb / 13P
   Hex/Quad, Power-Supply Supervisory Circuits
Rev 2; 2/10
MAX6884 MAXIM-MAX6884_05 Datasheet
316Kb / 34P
   EEPROM-Programmable, Hex Power-Supply Supervisory Circuits
Rev 0; 2/05
MAX6886 MAXIM-MAX6886 Datasheet
226Kb / 14P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 0; 2/05
MAX6886 MAXIM-MAX6886_12 Datasheet
144Kb / 13P
   Pin-Selectable, Hex Power-Supply Supervisory Circuit
Rev 1; 1/12
logo
Texas Instruments
TPS3103XXX TI-TPS3103XXX_1 Datasheet
525Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX Datasheet
348Kb / 20P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
TPS3103XXX TI-TPS3103XXX_08 Datasheet
555Kb / 23P
[Old version datasheet]   UltraLow Supply-Current/Supply-Voltage Supervisory Circuits
logo
Maxim Integrated Produc...
MAX6874 MAXIM-MAX6874 Datasheet
342Kb / 40P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
MAX6872 MAXIM-MAX6872 Datasheet
379Kb / 48P
   EEPROM-Programmable, Hex/Quad, Power-Supply Sequencers/Supervisors
Rev 0; 10/04
logo
Texas Instruments
TPS31XXEXX TI-TPS31XXEXX Datasheet
298Kb / 19P
[Old version datasheet]   ULTRALOW SUPPLY-CURRENT/SUPPLY-VOLTAGE SUPERVISORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com