Part Name
         Description
MAX6888_ETE

 Hex/Quad, Power-Supply Supervisory Circuits ( 14 Page)


MAXIM
100% 
Zoom Out Zoom In
 
 12 page
background image
Hex/Quad, Power-Supply Supervisory Circuits
12
______________________________________________________________________________________
MARGIN
VCC
WDI
WDO
OV
LOGIC OUTPUT
LOGIC INPUT
LOGIC INPUT
GND
VCC
GND
*MAX6887 ONLY
µP
DC-DC
1
BP
DC-DC
2
DC-DC
3
DC-DC
4
IN1
IN2
IN3
IN4
1.5V
IN5*
IN6*
12V
MR
RESET
RESET
12V
5V
3.3V
2.5V
1.8V
MAX6887
MAX6888
1.2V
Typical Operating Circuit
Pin Configurations
16
12
34
12
11
10
9
15
14
13
5
6
7
8
IN1
IN2
IN3
IN4
MR
MARGIN
WDI
I.C.
TOP VIEW
MAX6887
*EXPOSED PAD
THIN QFN
*EXPOSED PAD CONNECTED TO GND.
16
12
34
12
11
10
9
15
14
13
5
6
7
8
IN1
IN2
IN3
IN4
MR
MARGIN
WDI
I.C.
MAX6888
*EXPOSED PAD
THIN QFN
*EXPOSED PAD CONNECTED TO GND.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CAT1163_07Supervisory Circuits with I2C Serial Serial CMOS EEPROM Precision Reset Controller and Watchdog Timer 1 2 3 4 5 MoreCatalyst Semiconductor
MAX707UP Supervisory Circuits 1 2 3 4 5 MoreON Semiconductor
TPS3306-15-Q1DUAL PROCESSOR SUPERVISORY CIRCUITS WITH POWER FAIL 1 2 3 4 5 MoreTexas Instruments
SP705_06Low Power Microprocessor Supervisory Circuits 1 2 3 4 5 MoreSipex Corporation
SP706P_04+3.0V/+3.3V Low Power Microprocessor Supervisory Circuits 1 2 3 4 5 MoreSipex Corporation
MAX690A_06Microprocessor Supervisory Circuits 1 2 3 4 5 MoreMaxim Integrated Products
SP6330Quad μPower Supervisory Circuits with Manual Reset & Watchdog 1 2 3 4 5 MoreSipex Corporation
TPS3123-XX_08ULTRA-LOW VOLTAGE PROCESSOR SUPERVISORY CIRCUITS 1 2 3 4 5 MoreTexas Instruments
TPS3813J25_07PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG 1 2 3 4 5 MoreTexas Instruments
TPS3103XXX_1UltraLow Supply-Current/Supply-Voltage Supervisory Circuits 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl