2000 Sep 11
2
BCcomponents
Product specification
Interference suppression film capacitors
MKP 338 2
MKP RADIAL POTTED TYPE
PITCH 7.5/10/15/22.5/27.5 mm
PITCH 7.5 mm (bent back leads)
296x12(full_width)
P = 22.5 and 27.5 mm
CBA899
P = 7.5, 10 and 15 mm
P(bent back leads) = 7.5 mm
Fig.1 Simplified outlines.
FEATURES
• 7.5 to 27.5 mm lead pitch
• Supplied loose in box, taped on
ammopack or reel
• Consists of a low-inductive wound
cell of metallized polypropylene
film, potted in a flame-retardant
case.
APPLICATIONS
• For X2 electromagnetic
interference suppression
• Specially designed to meet the
REQUIREMENTS of the
“IEC 60384-14 2nd edition and
EN 132400”, requiring for X2 a
2.5 kV peak pulse voltage test and
both UL1414 and CSA-C22.2 No 1
specifications.
DETAIL SPECIFICATION
For more detailed data and test
requirements see “Type detail
specification HQN-384-14/111”.
QUICK REFERENCE DATA
Notes
1.
Pending.
2.
Approved.
DESCRIPTION
VALUE
Capacitance range (E12 series)
1 nF to 3.3
µF
Capacitance tolerance
±20%; ±10%; ±5%
Rated (AC) voltage, 50 to 60 Hz
275 V
Rated (DC) voltage
630 V
Climatic category
55/105/56/B
Rated temperature
105
°C
Maximum application temperature
105
°C
Reference specifications
IEC 60384-14 2nd edition and
EN 132400
Safety approvals:
250 V
CSA-C22.2 No 1; UL1414; note 2
275 V
CSA-C22.2 No 8; note 1
SEV; VDE; FI; N; D; S; IMQ; ÖVE;
CCEE; note 2
305 V
UL1283; note 2
Materials
qualified in accordance with UL94V-O
Safety class
X2