Electronic Components Datasheet Search |
|
MXO45LV Datasheet(PDF) 5 Page - CTS Corporation |
|
MXO45LV Datasheet(HTML) 5 Page - CTS Corporation |
5 / 5 page Document No. 008-0278-0 Page 5 - 5 Rev. C ٠ ٠ ٠ CTS Electronic Components, Inc. ٠ 171 Covington Drive ٠ Bloomingdale, IL 60108 ٠ ٠ ٠ MXO45LV/MXO45HSLV Metal DIP Clock Oscillator QUALITY AND RELIABILITY Quality systems meet or exceed the requirements of ISO 9000:2000 standards. ENVIRONMENTAL SPECIFICATIONS Temperature Cycle: 400 cycles from –55°C to +125°C, 10 minute dwell at each temperature, 1 minute transfer time between temperatures. Mechanical Shock: 1,500g’s, 0.5mS duration, ½ sinewave, 3 shocks each direction along 3 mutually perpendicular planes (18 total shocks). Sinusoidal Vibration: 0.06 inches double amplitude, 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles each in 3 mutually perpendicular planes (9 times total). Gross Leak: No leak shall appear while immersed in an FC40 or equivalent liquid at +125°C for 20 seconds. Fine Leak: Mass spectrometer leak rates less than 2x10-8 ATM cc/sec air equivalent. Resistance to Solder Heat: Product must survive 3 reflows of +260°C peak, 10 seconds maximum. High Temperature Operating Bias: 2,000 hours at +125°C, maximum bias, disregarding frequency shift. Frequency Aging: 1,000 hours at +85°C, full bias, less than ±5 ppm shift. Moisture Sensitivity Level: Level 1 per JEDEC J-STD-020. |
Similar Part No. - MXO45LV |
|
Similar Description - MXO45LV |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |