Part Name
         Description
CATTEN-08R0

 8dB Attenuator SMA 50 Ohm DC to 3GHz ( 2 Page)


CRYSTEKMICROWAVE
100% 
Zoom Out Zoom In
   
 2 page
background image
CATTEN-08R0
8dB Attenuator
SMA 50 Ohm
DC to 3GHz
Rev.: B
Date: 03-04-08
TEST
Condition of Test
Test Results
0.5dB to 5dB 6dB to 20dB
Endurance Test at 70°C per EIA 575-3.14 1000 hours at 70°C, 1.5 hrs “ON”, 0.5 hrs “OFF”
± 0.2 dB
± 0.3 dB
Overload per EIA 575-3.6
Short time overload
± 0.2 dB
± 0.3 dB
Thermal Shock
per EIA 575-3.5
± 0.2 dB
± 0.3 dB
Moisture Resistance
per EIA 575-3.10
± 0.2 dB
± 0.3 dB
High Temperature Exposure
per EIA 575-3.7
± 0.2 dB
± 0.3 dB
Low Temperature Exposure
per EIA 575-3.12
± 0.2 dB
± 0.3 dB
8 dB Data
Return Loss
Freq.
(MHz)
Atten
(dB)
Male
(dB)
Female
(dB)
0.3
7.97
49
50
0.5
7.97
49
50
0.8
7.97
49
50
1.0
7.97
49
50
5.0
7.98
49
50
10.0
8.00
49
50
20.0
8.00
49
50
50.0
7.99
48
48
100.0
7.99
46
45
200.0
8.01
42
40
300.0
8.01
39
37
400.0
8.05
37
35
500.0
8.03
35
33
600.0
8.06
34
32
700.0
8.05
33
31
800.0
8.07
31
29
900.0
8.11
31
28
1000.0 8.19
29
28
1500.0 7.88
26
24
2000.0 8.16
22
21
2500.0 7.94
20
20
3000.0 8.20
18
18
Part Number Attenuation
Power
(Max)
CATTEN-01R0
1 dB
1 Watt
CATTEN-01R5
1.5 dB
1 Watt
CATTEN-02R0
2 dB
1 Watt
CATTEN-03R0
3 dB
1 Watt
CATTEN-04R0
4 dB
1 Watt
CATTEN-05R0
5 dB
1 Watt
CATTEN-06R0
6 dB
1 Watt
CATTEN-07R0
7dB
1 Watt
CATTEN-08R0
8dB
1 Watt
CATTEN-09R0
9dB
1 Watt
CATTEN-0100
10 dB
1 Watt
CATTEN-0150
15 dB
0.5 Watt
CATTEN-0200
20 dB
0.5 Watt



Html Pages

1  2 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CATTEN-08R08dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 List of Unclassifed Manufacturers
CATTEN-02R02dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 List of Unclassifed Manufacturers
CATTEN-01R01dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION
CATTEN-01R51.5dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION
CATTEN-02R02dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION
CATTEN-03R03dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION
CATTEN-04R04dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION
CATTEN-05R05dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION
CATTEN-06R06dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION
CATTEN-07R07dB Attenuator SMA 50 Ohm DC to 3GHz 1 2 CRYSTEK CORPORATION

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl