Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6315 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL6315
Description  Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6315 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL6315_07 Datasheet HTML 1Page - Intersil Corporation ISL6315_07 Datasheet HTML 2Page - Intersil Corporation ISL6315_07 Datasheet HTML 3Page - Intersil Corporation ISL6315_07 Datasheet HTML 4Page - Intersil Corporation ISL6315_07 Datasheet HTML 5Page - Intersil Corporation ISL6315_07 Datasheet HTML 6Page - Intersil Corporation ISL6315_07 Datasheet HTML 7Page - Intersil Corporation ISL6315_07 Datasheet HTML 8Page - Intersil Corporation ISL6315_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
FN9222.1
July 18, 2007
Timing Diagram
Functional Pin Description
VCC (Pin 8)
Bias supply for the IC’s small-signal circuitry. Connect this
pin to a 5V supply and locally decouple using a quality 0.1
μF
ceramic capacitor.
PVCC (Pin 16)
Power supply pin for the MOSFET drives. Connect this pin to
a 5V supply and locally decouple using a quality 1
μF
ceramic capacitor.
GND and PGND (Pins 25 and 14)
Connect these pins to the circuit ground using the shortest
possible paths. All internal small-signal circuitry is
referenced to the GND pin. LGATE drive is referenced to the
PGND pin.
VID0-4 (Pins 2, 1, 24-22)
Voltage identification inputs from microprocessor. These pins
respond to TTL logic thresholds. The ISL6315 decodes the
VID inputs to establish the output voltage; see VID Tables for
correspondence between DAC codes and output voltage
settings. These pins are internally pulled high, to
approximately 1.2V, by 40
μA (typically) internal current
PROTECTION
Overvoltage Threshold while IC Disabled
VRM9.0 configuration
1.90
1.95
2.00
V
Hammer and VRM10.0 configurations
1.60
1.65
1.70
V
Overvoltage Threshold
FB Rising
-
VID
+200mV
-V
Overvoltage Hysteresis
-
100
-
mV
SWITCHING TIME
UGATE Rise Time (Note 3)
tRUGATE; VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Rise Time (Note 3)
tRLGATE; VVCC = 5V, 3nF Load
-
8
-
ns
UGATE Fall Time (Note 3)
tFUGATE; VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Fall Time (Note 3)
tFLGATE; VVCC = 5V, 3nF Load
-
4
-
ns
UGATE Turn-On Non-overlap (Note 3)
tPDHUGATE; VVCC = 5V, 3nF Load
-
8
-
ns
LGATE Turn-On Non-overlap (Note 3)
tPDHLGATE; VVCC = 5V, 3nF Load
-
8
-
ns
OUTPUT
Upper Drive Source Resistance
100mA Source Current
-
1.0
2.5
Ω
Upper Drive Sink Resistance
100mA Sink Current
-
1.0
2.5
Ω
Lower Drive Source Resistance
100mA Source Current
-
1.0
2.5
Ω
Lower Drive Sink Resistance
100mA Sink Current
-
0.4
1.0
Ω
NOTES:
3. Limits should be considered typical and are not production tested.
Electrical Specifications
Test Conditions: VCC = 5V, TJ = 0°C to +85°C, Unless Otherwise Specified (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
UGATE
LGATE
tFLGATE
tPDHUGATE
tRUGATE
tFUGATE
tPDHLGATE
tRLGATE
ISL6315
ISL6315


Similar Part No. - ISL6315_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6315CR INTERSIL-ISL6315CR Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315CR RENESAS-ISL6315CR Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315CRZ INTERSIL-ISL6315CRZ Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315CRZ RENESAS-ISL6315CRZ Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315EVAL1 INTERSIL-ISL6315EVAL1 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results

Similar Description - ISL6315_07

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 RENESAS-ISL6563 Datasheet
931Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 RENESAS-ISL8101 Datasheet
904Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6567 RENESAS-ISL6567 Datasheet
1Mb / 26P
   Multipurpose Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com