Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03C2001KP Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 03C2001KP
Description  NTC Thermistors,Coated
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

03C2001KP Datasheet(HTML) 2 Page - Vishay Siliconix

  03C2001KP Datasheet HTML 1Page - Vishay Siliconix 03C2001KP Datasheet HTML 2Page - Vishay Siliconix 03C2001KP Datasheet HTML 3Page - Vishay Siliconix 03C2001KP Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.vishay.com
19
M, C, T
Vishay Dale
Document Number: 33003
Revision 22-Sep-04
For technical questions, contact thermistor1@vishay.com
12
34
78
9
12
14
17
27
33
50
56
68
82
100
120
150
180
220
270
330
390
470
500
560
680
820
1K
1.2K
1.5K
1.8K
2.2K
2.7K
3.3K
3.9K
4.7K
5K
5.6K
6.8K
8.2K
10K
12K
15K
18K
22K
27K
33K
39K
47K
50K
56K
68K
82K
100K
120K
150K
180K
220K
270K
330K
390K
470K
500K
560K
680K
820K
1 Meg
R25
(Ohms)
CURVE NUMBER
SELECTION GUIDE FOR TYPE M, C, AND T THERMISTORS
NOTE:
1. Intermediate resistance values between
the standard value series are available.
Size would be the same as the color
grouping.
2. Other body diameters available. Bead
diameter increases as Res. decreases.
(Consult Factory)
3. Leaded series of thermistors includes
additional styles: (Consult Factory)
Type B: 26AWG lead, .0159 [.40]
Type F: 32AWG lead, .008 [ .20]
Type E: 24AWG lead, .020 [ .51]
Type D: 22AWG lead, .025 [.64]
Type G: 20AWG lead, .032 [ .81]
Type H: 18AWG lead, .040 [1.02]
MAXIMUM BODY DIAMETER
0.125 [3.2]
0.110 [2.8]
0.095 [2.4]
DISSIPATION CONSTANT
2 - 3 mWatts/°C
THERMAL TIME CONSTANT
6 - 14 Seconds
NTC Thermistors, Coated


Similar Part No. - 03C2001KP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
03C8T6 STMICROELECTRONICS-03C8T6 Datasheet
1Mb / 67P
   Performance line, ARM-based 32-bit MCU with Flash, USB, CAN, seven 16-bit timers, two ADCs and nine communication interfaces
logo
Rohm
03CC0 ROHM-03CC0 Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
03CC0W ROHM-03CC0W Datasheet
499Kb / 23P
   2A/1A Fixed Output LDO Regulators
logo
Tyco Electronics
03CFE1 MACOM-03CFE1 Datasheet
89Kb / 2P
   Switch with IEC Connector Compact Size
03CFE1 MACOM-03CFE1 Datasheet
89Kb / 2P
   Switch with IEC Connector Compact Size
More results

Similar Description - 03C2001KP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
01C5001JP VISHAY-01C5001JP Datasheet
132Kb / 6P
   NTC Thermistors, Coated
Revision 22-Sep-04
01T1002FP VISHAY-01T1002FP Datasheet
132Kb / 6P
   NTC Thermistors Coated
Revision 22-Sep-04
01C1002FP VISHAY-01C1002FP Datasheet
101Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 12-Nov-09
07C5002JF VISHAY-07C5002JF Datasheet
91Kb / 5P
   NTC Thermistors, Radial Leaded and Coated
Revision: 24-Sep-15
logo
EPCOS
B57153S0 EPCOS-B57153S0 Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
B57238S0259M000 EPCOS-B57238S0259M000_11 Datasheet
313Kb / 14P
   NTC thermistors for inrush current limiting Leaded and coated disks
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL224E05RL MURATA-NCP03WL224E05RL Datasheet
197Kb / 3P
   NTC Thermistors
NCP15WB333J03RC MURATA-NCP15WB333J03RC Datasheet
206Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com