Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M27C256B-12F3TR Datasheet(PDF) 5 Page - STMicroelectronics

Part # M27C256B-12F3TR
Description  256 Kbit (32Kb x 8) UV EPROM and OTP EPROM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M27C256B-12F3TR Datasheet(HTML) 5 Page - STMicroelectronics

  M27C256B-12F3TR Datasheet HTML 1Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 2Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 3Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 4Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 5Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 6Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 7Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 8Page - STMicroelectronics M27C256B-12F3TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5/16
M27C256B
Table 7. Read Mode DC Characteristics (1)
(TA = 0 to 70°C, –40 to 85°C, –40 to 105°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Maximum DC voltage on Output is VCC +0.5V.
Table 8A. Read Mode AC Characteristics (1)
(TA = 0 to 70°C, –40 to 85°C, –40 to 105°C or –40 to 125°C; VCC = 5V ± 5% or 5V ± 10%; VPP = VCC)
Note: 1. VCC must be applied simultaneously with or before VPP and removed simultaneously or after VPP.
2. Sampled only, not 100% tested.
3. Speed obtained with High Speed AC measurement conditions.
Symbol
Parameter
Test Condition
Min
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
±10
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±10
µA
ICC
Supply Current
E = VIL, G = VIL,
IOUT = 0mA, f = 5MHz
30
mA
ICC1
Supply Current (Standby) TTL
E = VIH
1mA
ICC2
Supply Current (Standby) CMOS
E > VCC – 0.2V
100
µA
IPP
Program Current
VPP = VCC
100
µA
VIL
Input Low Voltage
–0.3
0.8
V
VIH
(2)
Input High Voltage
2
VCC + 1
V
VOL
Output Low Voltage
IOL = 2.1mA
0.4
V
VOH
Output High Voltage TTL
IOH = –1mA
3.6
V
Output High Voltage CMOS
IOH = –100µA
VCC – 0.7V
V
Symbol
Alt
Parameter
Test Condition
M27C256B
Unit
-45 (3)
-60
-70
-80
Min
Max
Min
Max
Min
Max
Min
Max
tAVQV
tACC
Address Valid to
Output Valid
E = VIL, G = VIL
45
60
70
80
ns
tELQV
tCE
Chip Enable Low to
Output Valid
G = VIL
45
60
70
80
ns
tGLQV
tOE
Output Enable Low to
Output Valid
E = VIL
25
30
35
40
ns
tEHQZ
(2)
tDF
Chip Enable High to
Output Hi-Z
G = VIL
025
0
30
0300
30
ns
tGHQZ
(2)
tDF
Output Enable High
to Output Hi-Z
E = VIL
025
0
30
0300
30
ns
tAXQX
tOH
Address Transition to
Output Transition
E = VIL, G = VIL
0000
ns
Two Line Output Control
Because EPROMs are usually used in larger
memory arrays, this product features a 2 line con-
trol function which accommodates the use of mul-
tiple memory connection. The two line control
function allows:
a. the lowest possible memory power dissipation,
b. complete assurance that output bus contention
will not occur.
For the most efficient use of these two control
lines, E should be decoded and used as the prima-
ry device selecting function, while G should be
made a common connection to all devices in the
array and connected to the READ line from the
system control bus. This ensures that all deselect-
ed memory devices are in their low power standby
mode and that the output pins are only active
when data is desired from a particular memory de-
vice.


Similar Part No. - M27C256B-12F3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F3TR STMICROELECTRONICS-M27C256B-12F3TR Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
More results

Similar Description - M27C256B-12F3TR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M27C256B-12F1 STMICROELECTRONICS-M27C256B-12F1 Datasheet
203Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27C256B STMICROELECTRONICS-M27C256B_06 Datasheet
197Kb / 24P
   256 Kbit (32Kb 횞 8) UV EPROM and OTP EPROM
M27W256 STMICROELECTRONICS-M27W256 Datasheet
101Kb / 15P
   256 Kbit 32Kb x 8 Low Voltage UV EPROM and OTP EPROM
M27V256 STMICROELECTRONICS-M27V256 Datasheet
103Kb / 15P
   256 Kbit (32Kb x 8) Low Voltage UV EPROM and OTP EPROM
May 1998
M87C257 STMICROELECTRONICS-M87C257_06 Datasheet
164Kb / 22P
   Address Latched 256 Kbit (32Kb x8) UV EPROM and OTP EPROM
M27C64A STMICROELECTRONICS-M27C64A Datasheet
105Kb / 12P
   64 Kbit (8Kb x 8) UV EPROM and OTP EPROM
March 1998
M27C1001-10F1 STMICROELECTRONICS-M27C1001-10F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-70F1 STMICROELECTRONICS-M27C1001-70F1 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001 STMICROELECTRONICS-M27C1001_06 Datasheet
218Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
M27C1001-12F6 STMICROELECTRONICS-M27C1001-12F6 Datasheet
250Kb / 24P
   1 Mbit (128 Kbit x 8) UV EPROM and OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com