Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


NE556 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. NE556
Description  GENERAL PURPOSE DUAL BIPOLAR TIMERS
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 4 page
background image
NE556- SA556-SE556
4/8
Figure 1 : Minimum Pulse Width Required for
Triggering
Figure 2 : Supply Current versus Supply Voltage
Figure 3 : Delay Time versus Temperature
Figure 4 : Low Output Voltage versus Output
Sink Current
Figure 5 : Low Output Voltage versus Output
Sink Current
Figure 6 : Low Output Voltage versus Output
Sink Current




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IT120Dual NPN General Purpose Amplifier 1 2 Intersil Corporation
MD986COMPLEMENTARY DUAL GENERAL PURPOSE TRANSISTOR 1 2 3 4 5 Motorola, Inc
MC3346GENERAL PURPOSE TRANSISTOR ARRAY ONE DIFFERENTIALLY CONNECTED PAIR AND THREE ISOIATED TRANSISTOR ARRAYS 1 2 3 4 Motorola, Inc
RC01General purpose chip resistors 1 2 3 4 5 MoreList of Unclassifed Manufacturers
2SC9011AM CONVERTER AM/FM IF AMPLIFIER GENERAL PURPOSE TRANSISTOR 1 2 Usha India Ltd.
RC0402GENERAL PURPOSE CHIP RESISTORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
HDSP-B571Dot Matrix Displays 5 x 7 Bi-Color General Purpose Dot Matrix Displays 53.2 mm 2.09 inch Package 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
UPC1313HALOW NOISE DUAL PREAMPLIFIER SILICON BIPOLAR MONOLITHIC INTEGRATED CIRCUIT 1 2 3 4 5 MoreNEC
SC2412KLT1General Purpose Transistors 1 2 3 List of Unclassifed Manufacturers
BC307EPITAXIAL PLANAR PNP TRANSISTOR GENERAL PURPOSE LOW NOISE AMPLIFIER 1 2 KEC(Korea Electronics)

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl