Part Name
         Description
CPLL66-2200

 PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO ( 7 Page)


CRYSTEKMICROWAVE
100% 
Zoom Out Zoom In
   
 7 page
background image
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
MICROWAVE
A Division of Crystek Corporation
Page 7 of 7
Programming Crystek p/n: CPLL66-1600-2200
The following is specific programming for CPLL66-1600-2200 (1.6GHz~2.2GHz with
1MHz Step Size and 10MHz input reference frequency).
Program all four registers with the following:
R Counter Latch: 28H
N Counter Latch: 3201H
Function Latch: 9F8193H
The above values will set the CPLL66-1600-2200 to 1.6GHz
0.60" SQ SMD
CPLL66-1600-2200



Html Pages

1  2  3  4  5  6  7 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NTE1565Integrated Circuit Phase Lock Loop PLL FM Demodulator for Portable Car Radio 1 2 NTE Electronics
AN331COMPENSATING THE FEEDBACK LOOP FOR THE Si3400 AND Si3401 1 2 3 4 5 MoreSilicon Laboratories
NTE1484Integrated Circuit Phase Lock Loop PLL Stereo Demod 1 2 3 NTE Electronics
NTE1461Integrated Circuit Phase Lock Loop PLL FM Stereo Demod 1 2 3 NTE Electronics
CRD42528Reference Design for the 1 2 3 4 5 MoreCirrus Logic
MIC2292High Frequency PWM White LED Drivers with Internal Schottky Diode and OVP 1 2 3 4 5 MoreMicrel Semiconductor
L67013 Phase Controller for VR10 VR9 and K8 CPUs 1 2 3 4 5 MoreSTMicroelectronics
NCP53822/3/4/5/6 Phase Buck Controller for VR10 and VR11 Pentium IV Processor Applications 1 2 3 4 5 MoreON Semiconductor
M2060The MT2060-STV0297-RD is an inexpensive integrated tuner- demodulator Reference Design solution for DVB-C applications 1 2 Microtune,Inc
ADS851316-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE 1 2 3 4 5 MoreTexas Instruments

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl