Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPLL66-2175-2175 Datasheet(PDF) 3 Page - CRYSTEK CORPORATION

Part # CPLL66-2175-2175
Description  PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CPLL66-2175-2175 Datasheet(HTML) 3 Page - CRYSTEK CORPORATION

  CPLL66-2175-2175 Datasheet HTML 1Page - CRYSTEK CORPORATION CPLL66-2175-2175 Datasheet HTML 2Page - CRYSTEK CORPORATION CPLL66-2175-2175 Datasheet HTML 3Page - CRYSTEK CORPORATION CPLL66-2175-2175 Datasheet HTML 4Page - CRYSTEK CORPORATION CPLL66-2175-2175 Datasheet HTML 5Page - CRYSTEK CORPORATION CPLL66-2175-2175 Datasheet HTML 6Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TOP ORIENTATION
MARK
TOP
VIEW
BOTTOM
ORIENTATION
MARK
N/C
0.600
0.460
0.380
0.300
0.220
0.140
0.00
LD
CLK
DATA
LE
RF
V1
V2
REF
GND
BOTTOM VIEW
0.000
0.042
Pad Detail
LE= Load Enable, CMOS Input
DATA= Serial Data Input
CLK= Serial Data Input
LD= Lock Detect
REF= Reference Input
V1= Analog Supply Input (VCO)
V2= Digital Supply Input (PLL)
RF= RF Output
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature Zone
Ramp-Down
6°C/Sec.
CRYSTEK
CPLL66
2175-2175
Date Code
Page 3 of 6
0.60" SQ SMD
CPLL66-2175-2175


Similar Part No. - CPLL66-2175-2175

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL66-2200 CRYSTEKMICROWAVE-CPLL66-2200 Datasheet
115Kb / 7P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2400 CRYSTEKMICROWAVE-CPLL66-2400 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2400-2500 CRYSTEKMICROWAVE-CPLL66-2400-2500 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2450 CRYSTEKMICROWAVE-CPLL66-2450 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2450-2450 CRYSTEKMICROWAVE-CPLL66-2450-2450 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
More results

Similar Description - CPLL66-2175-2175

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL66-1600-2200 CRYSTEKMICROWAVE-CPLL66-1600-2200 Datasheet
115Kb / 7P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2400-2500 CRYSTEKMICROWAVE-CPLL66-2400-2500 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-3475-3475 CRYSTEKMICROWAVE-CPLL66-3475-3475 Datasheet
262Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-4240-4240 CRYSTEKMICROWAVE-CPLL66-4240-4240 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-2450-2450 CRYSTEKMICROWAVE-CPLL66-2450-2450 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-3160-3380 CRYSTEKMICROWAVE-CPLL66-3160-3380 Datasheet
257Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
CPLL66-4160-4380 CRYSTEKMICROWAVE-CPLL66-4160-4380 Datasheet
258Kb / 6P
   PLL/Synthesizer needing only an external frequency reference and supply voltages for the internal PLL (phase lock loop) and VCO
logo
NTE Electronics
NTE1167 NTE-NTE1167 Datasheet
23Kb / 2P
   Integrated Circuit Phase Lock Loop(PLL) Frequency Synthesizer
logo
Linear Technology
LT3042 LINER-LT3042 Datasheet
388Kb / 8P
   PLL/VCO Supply and Reference Board
logo
NTE Electronics
NTE1254 NTE-NTE1254 Datasheet
23Kb / 2P
   Integrated Circuit Phase-Lock Loop (PLL) Frequency Synthesizer for CB
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com