Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75189N Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75189N
Description  QUADRUPLE LINE RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189N Datasheet(HTML) 4 Page - Texas Instruments

  SN75189N Datasheet HTML 1Page - Texas Instruments SN75189N Datasheet HTML 2Page - Texas Instruments SN75189N Datasheet HTML 3Page - Texas Instruments SN75189N Datasheet HTML 4Page - Texas Instruments SN75189N Datasheet HTML 5Page - Texas Instruments SN75189N Datasheet HTML 6Page - Texas Instruments SN75189N Datasheet HTML 7Page - Texas Instruments SN75189N Datasheet HTML 8Page - Texas Instruments SN75189N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over operating free-air temperature range, VCC = 5 V ± 1% (unless
otherwise noted)
TEST
SN55189
MC1489, MC1489A
SN75189
PARAMETER
TEST
FIGURE
TEST CONDITIONS†
SN55189A
SN75189
SN75189A
UNIT
MIN
TYP‡
MAX
MIN
TYP‡
MAX
TA = 25°C
1
1.3
1.5
1
1.3
1.5
’89
TA = 0°C to 70°C
0.9
1.6
VIT
Positive-going input
1
TA = – 55°C to 125°C
0.6
1.9
V
VIT+
gg
threshold voltage
1
TA = 25°C
1.75
1.9
2.25
1.75
1.9
2.25
V
’89A
TA = 0°C to 70°C
1.55
2.25
TA = – 55°C to 125°C
1.30
2.65
Nti
i
it
TA = 25°C
0.75
1.0
1.25
0.75
1.0
1.25
VIT–
Negative-going input
threshold voltage
1
’89, ’89A
TA = 0°C to 70°C
0.65
1.25
V
threshold voltage
TA = – 55°C to 125°C
0.35
1.6
VOH
High-level
1
VI = 0.75 V, IOH = – 0.5 mA
2.6
4
5
2.6
4
5
V
VOH
g
output voltage
1
Input open,
IOH = – 0.5 mA
2.6
4
5
2.6
4
5
V
VOL
Low-level
1
VI =3V
IOL =10mA
02
045
02
045
V
VOL
output voltage
1
VI = 3 V,
IOL = 10 mA
0.2
0.45
0.2
0.45
V
IIH
High-level
2
VI = 25 V
3.6
8.3
3.6
8.3
mA
IIH
g
input current
2
VI = 3 V
0.43
0.43
mA
IIL
Low-level
2
VI = – 25 V
– 3.6
– 8.3
– 3.6
–8.3
mA
IIL
input current
2
VI = – 3 V
– 0.43
– 0.43
mA
IOS
Short-circuit
3
3
3
mA
IOS
output current
3
– 3
–3
mA
ICC
Supply current
2
VI = 5 V,
Outputs open
20
26
20
26
mA
† All characteristics are measured with the response-control terminal open.
‡ All typical values are at VCC = 5 V, TA = 25°C.
switching characteristics, VCC = 5 V, CL = 15 pF, TA = 25°C
PARAMETER
TEST
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PARAMETER
FIGURE
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
RL = 3.9 kΩ
25
85
ns
tPHL
Propagation delay time, high- to low-level output
4
RL = 390 Ω
25
50
ns
tTLH
Transition time, low- to high-level output
4
RL = 3.9 kΩ
120
175
ns
tTHL
Transition time, high- to low-level output
RL = 390 Ω
10
20
ns


Similar Part No. - SN75189N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75189N TI-SN75189N Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189N TI-SN75189N Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189N TI1-SN75189N Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189NE4 TI-SN75189NE4 Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189NS TI-SN75189NS Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Similar Description - SN75189N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
   QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
MC1489 TI1-MC1489_18 Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
NTE75189 TI1-NTE75189 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
74284 TI-74284 Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com