Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75189D Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN75189D
Description  QUADRUPLE LINE RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75189D Datasheet(HTML) 2 Page - Texas Instruments

  SN75189D Datasheet HTML 1Page - Texas Instruments SN75189D Datasheet HTML 2Page - Texas Instruments SN75189D Datasheet HTML 3Page - Texas Instruments SN75189D Datasheet HTML 4Page - Texas Instruments SN75189D Datasheet HTML 5Page - Texas Instruments SN75189D Datasheet HTML 6Page - Texas Instruments SN75189D Datasheet HTML 7Page - Texas Instruments SN75189D Datasheet HTML 8Page - Texas Instruments SN75189D Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
MC1489, MC1489A, SN55189, SN55189A, SN75189, SN75189A
QUADRUPLE LINE RECEIVERS
SLLS095D – SEPTEMBER 1973 – REVISED OCTOBER 1998
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
logic symbol
THRS ADJ
4Y
11
3Y
8
2Y
6
1Y
3
1
1A
2
1 CONT
4
2A
5
2 CONT
10
3A
9
3 CONT
13
4A
4 CONT
12
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
Pin numbers shown are for the D, J, N, NS, and W packages.
logic diagram (positive logic)
Control
Response
AY
schematic (each receiver)
Input A
10 k
4 k
Response
Control
R1
9 k
5 k
1.66 k
GND
Output Y
VCC
MC1489
SN55189
SN75189
MC1489A
SN55189A
SN75189A
R1
8.4 k
1.84 k
Resistor values shown are nominal.


Similar Part No. - SN75189D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75189D TI-SN75189D Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189D TI-SN75189D Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189D TI1-SN75189D Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189DE4 TI-SN75189DE4 Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
SN75189DR TI-SN75189DR Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
More results

Similar Description - SN75189D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC1489 TI-MC1489 Datasheet
149Kb / 10P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
logo
List of Unclassifed Man...
GD75189A ETC-GD75189A Datasheet
493Kb / 3P
   QUADRUPLE LINE RECEIVERS
logo
Texas Instruments
MC1489 TI1-MC1489_18 Datasheet
1Mb / 26P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
NTE75189 TI1-NTE75189 Datasheet
1Mb / 22P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
74284 TI-74284 Datasheet
557Kb / 18P
[Old version datasheet]   QUADRUPLE LINE RECEIVERS
AM26C32C TI-AM26C32C Datasheet
106Kb / 17P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
SN55ALS195 TI-SN55ALS195 Datasheet
164Kb / 12P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_10 Datasheet
1,008Kb / 24P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_07 Datasheet
903Kb / 23P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
AM26LS32AC TI-AM26LS32AC_06 Datasheet
541Kb / 18P
[Old version datasheet]   QUADRUPLE DIFFERENTIAL LINE RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com