Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX8753ETI Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8753ETI
Description  TFT LCD DC-DC Converter with Integrated Charge Pumps
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8753ETI Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8753ETI Datasheet HTML 1Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 2Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 3Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 4Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 5Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 6Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 7Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 8Page - Maxim Integrated Products MAX8753ETI Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TFT LCD DC-DC Converter with
Integrated Charge Pumps
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS
(Circuit of Figure 1, VIN = 3.0V, SHDN = LCDON = IN, VSUPP = VSUPN = 10V, PGND = GND, CREF = 0.22µF, CINTG = 470pF, TA =
-40°C to +85°C. Typical values are at TA = +25°C, unless otherwise noted.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
INPUT SUPPLIES
Input Supply Range
VIN
2.6
5.5
V
Input Undervoltage Threshold
VUVLO
VIN rising, 100mV hysteresis (typ)
2.1
2.5
V
IN Quiescent Supply Current
IIN
VFB = VFBP = 1.5V, VFBN = -0.2V
1.5
mA
SUPP Supply Range
VSUPP
713
V
SUPP Quiescent Current
ISUPP
VFBP = 1.5V
0.8
mA
SUPN Supply Range
VSUPN
724
V
SUPN Quiescent Current
ISUPN
VFBN = -0.2V
0.8
mA
MAIN BOOST CONVERTER
Output Voltage Range
VMAIN
VIN
13
V
FB Regulation Voltage
VFB
1.225
1.258
V
FB Undervoltage Shutdown
Threshold
FB falling
75
200
mV
Operating Frequency
fOSC
0.75
1.25
MHz
LX Switch On-Resistance
RLX(ON)
ILX = 100mA
0.7
LX Current Limit
ILX(MAX)
Phase IV = fully on (> 3.0ms)
1.08
1.8
A
POSITIVE CHARGE PUMP
VSUPP Input Supply Range
VSUPP
713
V
VSUPP Overvoltage Threshold
VSUPP = rising, hysteresis (typ) = 200mV
13.2
14.0
V
FBP Regulation Voltage
VFBP
1.213
1.287
V
NEGATIVE CHARGE PUMP
VSUPN Input Supply Range
VSUPN
724
V
FBN Regulation Voltage
VFBN
213
287
mV
VLOGIC REGULATOR
FBL Regulation Voltage
VFBL
IOUTL = 0 to 300mA
1.220
1.275
V
OUTL On-Resistance
VIN = 3.3V, IOUTL = 100mA
1.5
REFERENCE
Reference Voltage
VREF
-2µA < IREF < +50µA
1.225
1.269
V
Reference Undervoltage
Threshold
VREF rising
0.9
1.2
V
LOGIC SIGNALS
LCDON, SHDN Input Low
Voltage
Hysteresis = 0.15 x VIN (typ)
0.9
V
LCDON, SHDN Input High
Voltage
2.1
V


Similar Part No. - MAX8753ETI

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8753EVKIT MAXIM-MAX8753EVKIT Datasheet
163Kb / 6P
   1MHz Switching Frequency
Rev 0; 3/06
More results

Similar Description - MAX8753ETI

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP2619 EUTECH-EUP2619 Datasheet
126Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps and OP-AMP
EUP2681 EUTECH-EUP2681 Datasheet
107Kb / 1P
   TFT LCD DC-DC Converter with Integrated Charge Pumps, OP-AMP and HV-Switch
logo
Maxim Integrated Produc...
MAX1747 MAXIM-MAX1747 Datasheet
401Kb / 13P
   Triple Charge-Pump TFT LCD DC-DC Converter
Rev 0; 10/00
logo
Intersil Corporation
EL7640 INTERSIL-EL7640 Datasheet
493Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
ISL97642 RENESAS-ISL97642 Datasheet
807Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Intersil Corporation
EL7640 INTERSIL-EL7640_06 Datasheet
497Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
ISL97642 INTERSIL-ISL97642 Datasheet
308Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A INTERSIL-EL7640A Datasheet
457Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
logo
Renesas Technology Corp
EL7640 RENESAS-EL7640 Datasheet
874Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
EL7640A RENESAS-EL7640A Datasheet
899Kb / 19P
   TFT-LCD DC/DC with Integrated Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com