Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M95320-RMN3T Datasheet(PDF) 10 Page - STMicroelectronics

Part # M95320-RMN3T
Description  64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95320-RMN3T Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M95320-RMN3T Datasheet HTML 6Page - STMicroelectronics M95320-RMN3T Datasheet HTML 7Page - STMicroelectronics M95320-RMN3T Datasheet HTML 8Page - STMicroelectronics M95320-RMN3T Datasheet HTML 9Page - STMicroelectronics M95320-RMN3T Datasheet HTML 10Page - STMicroelectronics M95320-RMN3T Datasheet HTML 11Page - STMicroelectronics M95320-RMN3T Datasheet HTML 12Page - STMicroelectronics M95320-RMN3T Datasheet HTML 13Page - STMicroelectronics M95320-RMN3T Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
M95640, M95320
10/39
Status Register
Figure 8 shows the position of the Status Register
in the control logic of the device. The Status Reg-
ister contains a number of status and control bits
that can be read or set (as appropriate) by specific
instructions.
WIP bit. The Write In Progress (WIP) bit indicates
whether the memory is busy with a Write or Write
Status Register cycle.
WEL bit. The Write Enable Latch (WEL) bit indi-
cates the status of the internal Write Enable Latch.
BP1, BP0 bits. The Block Protect (BP1, BP0) bits
are non-volatile. They define the size of the area to
be software protected against Write instructions.
SRWD bit. The Status Register Write Disable
(SRWD) bit is operated in conjunction with the
Write Protect (W) signal. The Status Register
Write Disable (SRWD) bit and Write Protect (W)
signal allow the device to be put in the Hardware
Protected mode. In this mode, the non-volatile bits
of the Status Register (SRWD, BP1, BP0) become
read-only bits.
Table 2. Status Register Format
Data Protection and Protocol Control
Non-volatile memory devices can be used in envi-
ronments that are particularly noisy, and within ap-
plications that could experience problems if
memory bytes are corrupted. Consequently, the
device features the following data protection
mechanisms:
s
Write and Write Status Register instructions are
checked that they consist of a number of clock
pulses that is a multiple of eight, before they are
accepted for execution.
s
All instructions that modify data must be
preceded by a Write Enable (WREN) instruction
to set the Write Enable Latch (WEL) bit . This bit
is returned to its reset state by the following
events:
– Power-up
– Write Disable (WRDI) instruction completion
– Write Status Register (WRSR) instruction
completion
– Write (WRITE) instruction completion
s
The Block Protect (BP1, BP0) bits allow part of
the memory to be configured as read-only. This
is the Software Protected Mode (SPM).
s
The Write Protect (W) signal allows the Block
Protect (BP1, BP0) bits to be protected. This is
the Hardware Protected Mode (HPM).
For any instruction to be accepted, and executed,
Chip Select (S) must be driven High after the rising
edge of Serial Clock (C) for the last bit of the in-
struction, and before the next rising edge of Serial
Clock (C).
Two points need to be noted in the previous sen-
tence:
– The ‘last bit of the instruction’ can be the eighth
bit of the instruction code, or the eighth bit of a
data byte, depending on the instruction (except
for Read Status Register (RDSR) and Read
(READ) instructions).
– The ‘next rising edge of Serial Clock (C)’ might
(or might not) be the next bus transaction for
some other device on the SPI bus.
Table 3. Write-Protected Block Size
b7
b0
SRWD
0
0
0
BP1
BP0
WEL
WIP
Status Register Write Protect
Block Protect Bits
Write Enable Latch Bit
Write In Progress Bit
Status Register Bits
Protected Block
Array Addresses Protected
BP1
BP0
M95640
M95320
0
0
none
none
none
0
1
Upper quarter
1800h - 1FFFh
0C00h - 0FFFh
1
0
Upper half
1000h - 1FFFh
0800h - 0FFFh
1
1
Whole memory
0000h - 1FFFh
0000h - 0FFFh


Similar Part No. - M95320-RMN3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95320-RMN3T STMICROELECTRONICS-M95320-RMN3T Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
M95320-RMN3T STMICROELECTRONICS-M95320-RMN3T Datasheet
768Kb / 42P
   32Kbit and 64Kbit Serial SPI Bus EEPROMs With High Speed Clock
M95320-RMN3T/B STMICROELECTRONICS-M95320-RMN3T/B Datasheet
353Kb / 44P
   32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
M95320-RMN3T/P STMICROELECTRONICS-M95320-RMN3T/P Datasheet
353Kb / 44P
   32 Kbit and 64 Kbit Serial SPI bus EEPROMs with high speed clock
M95320-RMN3TG STMICROELECTRONICS-M95320-RMN3TG Datasheet
590Kb / 39P
   64Kbit and 32Kbit Serial SPI Bus EEPROM With High Speed Clock
November 2003
More results

Similar Description - M95320-RMN3T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M95080 STMICROELECTRONICS-M95080 Datasheet
164Kb / 19P
   64/32/16/8 Kbit Serial SPI Bus EEPROM With High Speed Clock
M95640-W STMICROELECTRONICS-M95640-W Datasheet
905Kb / 53P
   64-Kbit serial SPI bus EEPROM with high-speed clock
Rev 19 February 2016
M95320-W STMICROELECTRONICS-M95320-W Datasheet
412Kb / 48P
   32-Kbit serial SPI bus EEPROM with high-speed clock
M95160 STMICROELECTRONICS-M95160_08 Datasheet
394Kb / 45P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M95160-X STMICROELECTRONICS-M95160-X Datasheet
436Kb / 50P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M95160 STMICROELECTRONICS-M95160 Datasheet
405Kb / 45P
   16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
M95160-WMN6TP STMICROELECTRONICS-M95160-WMN6TP Datasheet
827Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95160 STMICROELECTRONICS-M95160_13 Datasheet
633Kb / 46P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95160-WDW6TP STMICROELECTRONICS-M95160-WDW6TP Datasheet
739Kb / 47P
   16-Kbit serial SPI bus EEPROM with high-speed clock
M95160 STMICROELECTRONICS-M95160_12 Datasheet
381Kb / 45P
   16-Kbit serial SPI bus EEPROM with high-speed clock
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com