Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88927VKGTR Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # SY88927VKGTR
Description  5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88927VKGTR Datasheet(HTML) 3 Page - Micrel Semiconductor

  SY88927VKGTR Datasheet HTML 1Page - Micrel Semiconductor SY88927VKGTR Datasheet HTML 2Page - Micrel Semiconductor SY88927VKGTR Datasheet HTML 3Page - Micrel Semiconductor SY88927VKGTR Datasheet HTML 4Page - Micrel Semiconductor SY88927VKGTR Datasheet HTML 5Page - Micrel Semiconductor SY88927VKGTR Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
SY88927V
Micrel, Inc.
M9999-092305
hbwhelp@micrel.com or (408) 955-1690
T
A = –40°CTA = 0°C to +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
Conditions
V
OH
Output HIGH Voltage
–1085
–1005
–880
–1025
–955
–880
mV
V
IN = VIH(Max)
V
OL
Output LOW Voltage
–1830
–1695
–1555
–1810
–1705
–1620
or V
IL(Min)
V
OHA
Output HIGH Voltage
–1095
–1035
mV
V
IN = VIH(Min)
V
OLA
Output LOW Voltage
–1555
–1610
or V
IL(Max)
V
IH
Input HIGH Voltage(2)
–1165
–880
–1165
–880
mV
V
IL
Input LOW Voltage(3)
–1810
–1475
–1810
–1475
mV
I
IL
Input LOW Current
0.5
0.5
µAV
IN = VIL(Min)
DC ELECTRICAL CHARACTERISTICS
T
A = –40°CTA = 0°CTA = +25°CTA = +85°C
Symbol
Parameter
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Unit
I
EE
Power Supply Current
40
40
35
42
48
mA
V
BB
Output Reference
–1.38 –1.30 –1.26 –1.38 –1.31 –1.26 –1.38 –1.32 –1.26 –1.38 –1.33 –1.26
V
Voltage
I
IH
Input HIGH Current
150
150
150
150
µA
V
EE = –3.0V to –5.5V; VCC = GND
100K SERIES DC ELECTRICAL CHARACTERISTICS(1)
V
EE = –3.0V to –5.5V; VCC = GND
Notes:
1. This table replaces the three tables traditionally seen in ECL 100K data books. Outputs are terminated through a 50
Ω resistor to –2.0V except where
otherwise specified on the individual data sheets.
2. Guaranteed HIGH Signal for all inputs.
3. Guaranteed LOW Signal for all inputs.
Loading with
50
Ω to –2.0V
Symbol
Rating
Value
Unit
V
EE
Power Supply Voltage
–8.0 to 0
V
V
I
Input Voltage
0 to –6.0
V
I
OUT
Output Current
–Continuous
50
mA
–Surge
100
T
A
Operating Temperature Range
–40 to +85
°C
T
LEAD
Lead Temperature (Soldering, 20 sec.)
+260
°C
T
store
Storage Temperature Range
–65 to +150
°C
Note:
1. Permanent device damage may occur if absolute maximum ratings are exceeded. This is a stress rating only and functional operation is not implied at
conditions other than those detailed in the operational sections of this data sheet. Exposure to absolute maximum ratlng conditions for extended periods
may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)


Similar Part No. - SY88927VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927VKGTR MICREL-SY88927VKGTR Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results

Similar Description - SY88927VKGTR

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V_05 Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
logo
Source Photonics, Inc.
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com