Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4749EBE-T Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4749EBE-T
Description  50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4749EBE-T Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4749EBE-T Datasheet HTML 1Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 2Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 3Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 4Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 5Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 6Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 7Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 8Page - Maxim Integrated Products MAX4749EBE-T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
50
Ω, Low-Voltage, Quad SPST/Dual SPDT Analog
Switches in UCSP
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at V+ = +5V, TA = +25°C.)
(Notes 3, 4)
PARAMETER
SYMBOL
CONDITIONS
TA
MIN
TYP
MAX
UNITS
ANALOG SWITCH
Analog Signal Range
VCOM_,
VNO_, VNC_
0V+
V
+25°C
8.2
25
On-Resistance
RON
V+ = +4.5V,
ICOM_ = 5mA,
VNO_ or VNC_ = +3.0V
TMIN to
TMAX
30
+25°C
0.1
3
On-Resistance Matching
Between Channels
(Notes 5, 6)
∆RON
V+ = +4.5V, ICOM_ = 5mA,
VNO_ or VNC_ = +3.0V
TMIN to
TMAX
4
+25°C
2.2
5
On-Resistance Flatness
(Notes 7)
RFLAT(ON)
V+ = +4.5V, ICOM_ = 5mA,
VNO_ or VNC_ = +1V, +2V, +3V
TMIN to
TMAX
7
+25°C
-0.1
+0.1
NO_ or NC_ Off-Leakage Current
(Note 8)
INO_(OFF),
INC_(OFF)
V+ = +5.5V,
VCOM_ = +1V, +4.5V,
VNO_ or VNC_ = +4.5V, +1V
TMIN to
TMAX
-2
+2
nA
+25°C
-0.1
+0.1
COM_ Off-Leakage Current
(Note 8)
ICOM_(OFF)
V+ = +5.5V,
VCOM_ = +1V, +4.5V,
VNO_ or VNC_ = +4.5V, +1V
TMIN to
TMAX
-2
+2
nA
+25°C
-0.2
+0.2
COM_ On-Leakage Current
(Note 8)
ICOM_(ON)
V+ = +5.5V,
VCOM_ = +1V, +4.5V,
VNO_ or VNC_ = +1V, +4.5V, or
floating
TMIN to
TMAX
-4
+4
nA
DYNAMIC
+25°C36
85
Turn-On Time
tON
VNO_ or VNC_ = +3.0V,
RL = 300
Ω, CL = 35pF,
Figure 2
TMIN to
TMAX
95
ns
+25°C19
45
Turn-Off Time
tOFF
VNO_ or VNC_ = +3.0V,
RL = 300
Ω, CL = 35pF,
Figure 2
TMIN to
TMAX
55
ns
+25°C14
Break-Before-Make
(MAX4749/MAX4750 Only)
(Note 8)
tBBM
VNO_ or VNC_ = +3.0V,
RL = 300
Ω, CL = 35pF,
Figure 3
TMIN to
TMAX
1
ns
Charge Injection
Q
VGEN = 0V, RGEN = 0,
CL = 1.0nF, Figure 4
+25°C9
pC
On-Channel -3dB Bandwidth
BW
Signal = 0dBm,
50
Ω in and out
+25°C
250
MHz
Off-Isolation (Note 9)
VISO
f = 1MHz, VNO_= 1VRMS,
RL = 50
Ω, CL = 5pF, Figure 5
+25°C
-72
dB


Similar Part No. - MAX4749EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4749EBE-T MAXIM-MAX4749EBE-T Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
More results

Similar Description - MAX4749EBE-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4747 MAXIM-MAX4747_12 Datasheet
248Kb / 14P
   50Ω, Low-Voltage, Quad SPST/Dual SPDT Analog Switches in WLP
Rev 3; 1/12
MAX4747 MAXIM-MAX4747 Datasheet
342Kb / 15P
   50 Low-Voltage, Quad SPST/Dual SPDT Analog Switches in UCSP
19-2646; Rev 1; 6/04
MAX4686 MAXIM-MAX4686 Datasheet
183Kb / 8P
   2.5ohm, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 1; 2/03
MAX4696 MAXIM-MAX4696 Datasheet
235Kb / 9P
   35OHM, Low-Voltage, SPST/SPDT Analog Switches in UCSP Package
Rev 3; 2/03
MAX4737 MAXIM-MAX4737 Datasheet
1Mb / 16P
   4.5Ω Quad SPST Analog Switches in UCSP
Rev 2; 1/16
MAX4738 MAXIM-MAX4738 Datasheet
225Kb / 15P
   4.5Ω Quad SPST Analog Switches in UCSP
MAX4721 MAXIM-MAX4721 Datasheet
293Kb / 14P
   4.5 Dual SPST Analog Switches in UCSP
Rev 0; 10/02
MAX4684 MAXIM-MAX4684_09 Datasheet
172Kb / 10P
   0.5Ω/0.8Ω Low-Voltage, Dual SPDT Analog Switches in UCSP
Rev 4; 1/09
MAX4731 MAXIM-MAX4731_06 Datasheet
366Kb / 14P
   50廓, Dual SPST Analog Switches in UCSP
Rev 2 12/06
MAX4684 MAXIM-MAX4684 Datasheet
346Kb / 12P
   0.5 ??0.8 ?쪳ow-Voltage, Dual SPDT Analog Switches in UCSP
Rev 3; 2/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com