Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY88927V Datasheet(PDF) 6 Page - Micrel Semiconductor

Part # SY88927V
Description  5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY88927V Datasheet(HTML) 6 Page - Micrel Semiconductor

  SY88927V Datasheet HTML 1Page - Micrel Semiconductor SY88927V Datasheet HTML 2Page - Micrel Semiconductor SY88927V Datasheet HTML 3Page - Micrel Semiconductor SY88927V Datasheet HTML 4Page - Micrel Semiconductor SY88927V Datasheet HTML 5Page - Micrel Semiconductor SY88927V Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
SY88927V
Micrel, Inc.
M9999-092305
hbwhelp@micrel.com or (408) 955-1690
8 LEAD SOIC .150" WIDE (Z8-1)
Rev. 03
MICREL, INC.
2180 FORTUNE DRIVE
SAN JOSE, CA 95131
USA
TEL
+ 1 (408) 944-0800 FAX + 1 (408) 474-1000 WEB http://www.micrel.com
The information furnished by Micrel in this datasheet is believed to be accurate and reliable. However, no responsibility is assumed by Micrel for its use.
Micrel reserves the right to change circuitry and specifications at any time without notification to the customer.
Micrel Products are not designed or authorized for use as components in life support appliances, devices or systems where malfunction of a product can
reasonably be expected to result in personal injury. Life support devices or systems are devices or systems that (a) are intended for surgical implant into
the body or (b) support or sustain life, and whose failure to perform can be reasonably expected to result in a significant injury to the user. A Purchaser’s
use or sale of Micrel Products for use in life support appliances, devices or systems is at Purchaser’s own risk and Purchaser agrees to fully indemnify
Micrel for any damages resulting from such use or sale.
© 2005 Micrel, Incorporated.


Similar Part No. - SY88927V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VKC MICREL-SY88927VKC Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VKC MICREL-SY88927VKC Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927VKCTR MICREL-SY88927VKCTR Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
More results

Similar Description - SY88927V

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY88927V MICREL-SY88927V_05 Datasheet
69Kb / 6P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY88927V MICREL-SY88927V Datasheet
80Kb / 5P
   5V/3.3V 2.5Gbps HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V Datasheet
78Kb / 5P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY10EP16V MICREL-SY10EP16V_06 Datasheet
493Kb / 6P
   5V/3.3V HIGH-SPEED DIFFERENTIAL RECEIVER
SY100EP16VS MICREL-SY100EP16VS Datasheet
475Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING DIFFERENTIAL RECEIVER
SY89307V MICREL-SY89307V Datasheet
49Kb / 5P
   5V/3.3V 2.5Gbps VARIABLE OUTPUT SWING PECL/ECL DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V_06 Datasheet
486Kb / 6P
   5V/3.3V DIFFERENTIAL RECEIVER
SY10EL16V MICREL-SY10EL16V Datasheet
46Kb / 4P
   5V/3.3V DIFFERENTIAL RECEIVER
logo
Source Photonics, Inc.
T-11-2500-P-3-SSC-APC SOURCE-T-11-2500-P-3-SSC-APC Datasheet
337Kb / 3P
   2.5Gbps PIN-TIA Receiver Modules (3.3V/5V)
logo
Micrel Semiconductor
SY100EL17V MICREL-SY100EL17V_06 Datasheet
61Kb / 5P
   5V/3.3V QUAD DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com