Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD235 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD235
Description  3.3-V CAN TRANSCEIVERS
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD235 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN65HVD235 Datasheet HTML 2Page - Texas Instruments SN65HVD235 Datasheet HTML 3Page - Texas Instruments SN65HVD235 Datasheet HTML 4Page - Texas Instruments SN65HVD235 Datasheet HTML 5Page - Texas Instruments SN65HVD235 Datasheet HTML 6Page - Texas Instruments SN65HVD235 Datasheet HTML 7Page - Texas Instruments SN65HVD235 Datasheet HTML 8Page - Texas Instruments SN65HVD235 Datasheet HTML 9Page - Texas Instruments SN65HVD235 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
SN65HVD233
SN65HVD234
SN65HVD235
SLLS557D − NOVEMBER 2002 REVISED JUNE 2005
www.ti.com
6
RECEIVER SWITCHING CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
tPLH
Propagation delay time, low-to-high-level output
35
60
tPHL
Propagation delay time, high-to-low-level output
35
60
tsk(p)
Pulse skew (|tPHL − tPLH|)
See Figure 6
7
ns
tr
Output signal rise time
See Figure 6
2
5
ns
tf
Output signal fall time
2
5
(1) All typical values are at 25°C and with a 3.3 V supply.
DEVICE SWITCHING CHARACTERISTICS
over operating free-air temperature range unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
t(LBK) Loopback delay, driver input to receiver output
HVD233
See Figure 12
7.5
12
ns
t(AB1) Loopback delay, driver input to receiver output
HVD235
See Figure 13
10
20
ns
t(AB2) Loopback delay, bus input to receiver output
HVD235
See Figure 14
35
60
ns
RS at 0 V, See Figure 11
70
135
t(loop1)
Total loop delay, driver input to receiver output, recessive to
dominant
RS with 10 kΩ to ground,
See Figure 11
105
190
ns
t(loop1) dominant
RS with 100 kΩ to ground,
See Figure 11
535
1000
ns
RS at 0 V, See Figure 11
70
135
t(loop2)
Total loop delay, driver input to receiver output, dominant to
recessive
RS with 10 kΩ to ground,
See Figure 11
105
190
ns
t(loop2) recessive
RS with 100 kΩ to ground,
See Figure 11
535
1000
ns
(1) All typical values are at 25°C and with a 3.3 V supply.


Similar Part No. - SN65HVD235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD235 TI-SN65HVD235 Datasheet
1Mb / 147P
[Old version datasheet]   TMS320R2811, TMS320R2812 Digital Signal Processors
SN65HVD235 TI-SN65HVD235 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD235 TI-SN65HVD235 Datasheet
1Mb / 158P
[Old version datasheet]   Digital Signal Controller (DSC)
SN65HVD235 TI1-SN65HVD235 Datasheet
1Mb / 172P
[Old version datasheet]   Digital Signal Processors
SN65HVD235 TI1-SN65HVD235 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results

Similar Description - SN65HVD235

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD230 TI-SN65HVD230 Datasheet
416Kb / 29P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD232QDRG4Q1 TI1-SN65HVD232QDRG4Q1 Datasheet
429Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD234DRG4 TI-SN65HVD234DRG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1 Datasheet
396Kb / 28P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI1-SN65HVD230Q-Q1_14 Datasheet
499Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230Q-Q1 TI-SN65HVD230Q-Q1_07 Datasheet
485Kb / 30P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230 TI-SN65HVD230_06 Datasheet
444Kb / 32P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD230M-EP TI1-SN65HVD230M-EP Datasheet
770Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI1-SN65HVD233DG4 Datasheet
615Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233DG4 TI-SN65HVD233DG4 Datasheet
532Kb / 31P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
SN65HVD233 TI-SN65HVD233 Datasheet
345Kb / 27P
[Old version datasheet]   3.3-V CAN TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com