Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEC-A1LD-5V-XX-S Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TEC-A1LD-5V-XX-S
Description  HIGH EFFICIENCY TEC CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TEC-A1LD-5V-XX-S Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  TEC-A1LD-5V-XX-S Datasheet HTML 1Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 2Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 3Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 4Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 5Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 6Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 7Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 8Page - List of Unclassifed Manufacturers TEC-A1LD-5V-XX-S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
550 E. Weddell Drive, Suite 4, Sunnyvale, CA 94089, U. S. A. Tel.: (408) 747-9760, Fax: (408) 747-9770, Web: www.analogtechnologies.com
© Copyright 2000 – 2003, Analog Technologies, Inc. All Rights Reserved.
9
TEC-A1LD
Analog Technologies, Inc.
`
Linearity Error in TEMPSP v.s. Temperature
-0.015
0
0.015
0.03
0.045
0.06
0.075
0.09
0.105
0.12
0.135
0.15
0.165
0.18
0.195
0.21
0.225
0.24
0.255
15
20
25
30
35
40
45
50
Temperature (C)
Linearity Error
in TEMPSP (V)
P Rth v.s. Temperature
46
46.5
47
47.5
48
48.5
49
49.5
50
50.5
51
51.5
52
52.5
53
53.5
54
15
20
25
30
35
40
45
50
Temperature (C)
P Rth (uW)


Similar Part No. - TEC-A1LD-5V-XX-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-3V-XX ETC2-TEC-4A-3V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A-5V-XX ETC2-TEC-4A-5V-XX Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
More results

Similar Description - TEC-A1LD-5V-XX-S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TEC6A101-DN ETC2-TEC6A101-DN Datasheet
174Kb / 9P
   HIGH EFFICIENCY TEC CONTROLLER
TEC-4A ETC2-TEC-4A Datasheet
131Kb / 8P
   HIGH EFFICIENCY TEC CONTROLLER
logo
Analog Technologies, In...
TEC5V4A-NT ANALOGTECHNOLOGIES-TEC5V4A-NT Datasheet
429Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TEC5V4A-D ANALOGTECHNOLOGIES-TEC5V4A-D Datasheet
415Kb / 10P
   High Efficiency TEC Controller
4/28/2022
TEC5V6A-D ANALOGTECHNOLOGIES-TEC5V6A-D Datasheet
892Kb / 11P
   High Efficiency TEC Controller
5/3/2022
TEC5V6A-NT ANALOGTECHNOLOGIES-TEC5V6A-NT Datasheet
821Kb / 9P
   High Efficiency TEC Controller
4/28/2022
TECA2-XV-XV-DAH ANALOGTECHNOLOGIES-TECA2-XV-XV-DAH Datasheet
427Kb / 7P
   High Efficiency TEC Controller
1/29/2022
TEC14M5V3R5AS ANALOGTECHNOLOGIES-TEC14M5V3R5AS Datasheet
375Kb / 6P
   High Efficiency Micro TEC Controller
1/29/2022
TECA1-XV-XV-D ANALOGTECHNOLOGIES-TECA1-XV-XV-D Datasheet
525Kb / 16P
   High Efficiency 2.5A TEC Controller
6/20/2022
TECA1-XV-XV-DAH ANALOGTECHNOLOGIES-TECA1-XV-XV-DAH Datasheet
511Kb / 16P
   High Efficiency 2.5A TEC Controller
6/20/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com