Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M93S66-BN6 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M93S66-BN6
Description  4Kbit, 2Kbit and 1Kbit 16-bit wide MICROWIRE Serial Access EEPROM with Block Protection
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M93S66-BN6 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M93S66-BN6 Datasheet HTML 7Page - STMicroelectronics M93S66-BN6 Datasheet HTML 8Page - STMicroelectronics M93S66-BN6 Datasheet HTML 9Page - STMicroelectronics M93S66-BN6 Datasheet HTML 10Page - STMicroelectronics M93S66-BN6 Datasheet HTML 11Page - STMicroelectronics M93S66-BN6 Datasheet HTML 12Page - STMicroelectronics M93S66-BN6 Datasheet HTML 13Page - STMicroelectronics M93S66-BN6 Datasheet HTML 14Page - STMicroelectronics M93S66-BN6 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
11/34
M93S66, M93S56, M93S46
be started, and the addressed location will not be
programmed.
While the M93Sx6 is performing a write cycle, but
after a delay (tSLSH) before the status information
becomes available, Chip Select Input (S) can be
driven High to monitor the status of the write cycle:
Serial Data Output (Q) is driven Low while the
M93Sx6 is still busy, and High when the cycle is
complete, and the M93Sx6 is ready to receive a
new instruction. The M93Sx6 ignores any data on
the bus while it is busy on a write cycle. Once the
M93Sx6 is Ready, Serial Data Output (Q) is driven
High, and remains in this state until a new start bit
is decoded or the Chip Select Input (S) is brought
Low.
Programming is internally self-timed, so the exter-
nal Serial Clock (C) may be disconnected or left
running after the start of a write cycle.
Write All
The Write All Memory with same Data (WRAL) in-
struction is valid only after the Protection Register
has been cleared by executing a Protection Reg-
ister Clear (PRCLEAR) instruction. The Write All
Memory with same Data (WRAL) instruction simul-
taneously writes the whole memory with the same
data word given in the instruction.
Write Enable (W) must be held High before and
during the instruction. Input address and data, on
Serial Data Input (D) are sampled on the rising
edge of Serial Clock (C).
After the last data bit has been sampled, the Chip
Select Input (S) must be taken Low before the next
rising edge of Serial Clock (C). If Chip Select Input
(S) is brought Low before or after this specific time
frame, the self-timed programming cycle will not
be started, and the addressed location will not be
programmed.
While the M93Sx6 is performing a write cycle, but
after a delay (tSLSH) before the status information
becomes available, Chip Select Input (S) can be
driven High to monitor the status of the write cycle:
Serial Data Output (Q) is driven Low while the
M93Sx6 is still busy, and High when the cycle is
complete, and the M93Sx6 is ready to receive a
new instruction. The M93Sx6 ignores any data on
the bus while it is busy on a write cycle. Once the
M93Sx6 is Ready, Serial Data Output (Q) is driven
High, and remains in this state until a new start bit
is decoded or the Chip Select Input (S) is brought
Low.
Programming is internally self-timed, so the exter-
nal Serial Clock (C) may be disconnected or left
running after the start of a write cycle.


Similar Part No. - M93S66-BN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93S66-125 STMICROELECTRONICS-M93S66-125 Datasheet
220Kb / 28P
   Automotive 4-Kbit, 2-Kbit and 1-Kbit MICROWIRE serial EEPROM with block protection
March 2012 Rev 1
M93S66-W STMICROELECTRONICS-M93S66-W Datasheet
556Kb / 32P
   4 Kbit, 2 Kbit and 1 Kbit serial MICROWIRE bus EEPROM with write protection
January 2015 Rev 7
More results

Similar Description - M93S66-BN6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M93C86 STMICROELECTRONICS-M93C86_05 Datasheet
587Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M93C86 STMICROELECTRONICS-M93C86 Datasheet
611Kb / 31P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit (8-bit or 16-bit wide) MICROWIRE Serial Access EEPROM
M24C02-R STMICROELECTRONICS-M24C02-R Datasheet
208Kb / 29P
   16Kbit, 8Kbit, 4Kbit, 2Kbit and 1Kbit Serial I2C Bus EEPROM
M95040 STMICROELECTRONICS-M95040 Datasheet
586Kb / 37P
   4Kbit, 2Kbit and 1Kbit Serial SPI Bus EEPROM With High Speed Clock
M93C86 STMICROELECTRONICS-M93C86 Datasheet
436Kb / 27P
   16Kbit, 8Kbit, 4Kbit, 2Kbit, 1Kbit and 256bit 8-bit or 16-bit wide
M93C46MN6T STMICROELECTRONICS-M93C46MN6T Datasheet
623Kb / 33P
   (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
November 2013 Rev 15
M93C46-WMN6P STMICROELECTRONICS-M93C46-WMN6P Datasheet
979Kb / 33P
   16-Kbit, 8-Kbit, 4-Kbit, 2-Kbit and 1-Kbit (8-bit or 16-bit wide) MICROWIRE serial access EEPROM
logo
ON Semiconductor
CAT93C86B ONSEMI-CAT93C86B Datasheet
185Kb / 14P
   16-Kb Microwire Serial EEPROM
September, 2013 ??Rev. 3
CAT93C86P ONSEMI-CAT93C86P Datasheet
154Kb / 10P
   16 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 12
NV93C86WF ONSEMI-NV93C86WF Datasheet
175Kb / 9P
   EEPROM Serial 16-Kb Microwire
May, 2018 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com