Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2600000707054K Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AN2600000707054K
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AN2600000707054K Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AN2600000707054K Datasheet HTML 2Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 3Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 4Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 5Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 6Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 7Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 8Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 9Page - List of Unclassifed Manufacturers AN2600000707054K Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
2001 Sep 27 Rev.1
6
www.phycomp-components.com
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for
Bluetooth and WLAN IEEE 802.11b
APPLICATION EXAMPLE
HBK018
180
°
−90°
90
°
0
°
−40 −30
−20
−10
0 dBi
HBK019
180
°
−90°
90
°
0
°
−40 −30
−20
−10
0
dBi
Fig.5 Typical radiation patterns.
E-plane
H-plane
(omni-directional)
HBK014
8
8
82
GROUND PLANE (on back side)
BLUETOOTH OR OTHER
RF MODULE
CLEARANCE
(no ground plane)
CLEARANCE
(no ground plane)
ANTENNA
CHIP
Ground
Feedpoint
50
Ω transmisson line
(can be a straight connection)
Dimensions in mm
Fig.6 Suggested layout.
Note:
The ground termination can be
optionally connected to RF ground.


Similar Part No. - AN2600000707054K

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2600 STMICROELECTRONICS-AN2600 Datasheet
574Kb / 30P
   SMPS for high-end PVR based on L6668
More results

Similar Description - AN2600000707054K

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111500245 ETC1-431111500245 Datasheet
179Kb / 9P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com