Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S2D2018A4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # S2D2018A4
Description  SPDT PIN DIODE SWITCHES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

S2D2018A4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  S2D2018A4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPDT PIN DIODE SWITCHES
0.5 - 18 GHz
FEATURES
Field Removable Connectors for Drop-In Assembly
High Isolation Models Available
Wideband Performance
Option for Integral Driver
APPLICATIONS
Communications Systems
EW Systems
Test Equipment
Electronic Simulators
Modulators
ENVIRONMENTAL RATINGS
Max Input Power.……………………...….1 W Average
Operating Temperature Range…..…-55
°C to +125°C
Storage Temperature Range…..……-65
°C to +125°C
Specifications: (@ +25
°C, 0 dBm)
MAXIMUM INSERTION LOSS (GHz)
MODEL
0.5 – 2.0 GHz
2.0 – 8.0 GHz
8.0 – 18 GHz
MINIMUM
ISOLATION
(dB)
MAXIMUM
VSWR
INTEGRAL
WITH
DRIVER
S2S0518A4
1.3
1.6
2.2
40
2:1
NO
S2D0518A4
1.3
1.6
2.2
40
2:1
YES
S2S0518A5
1.5
1.8
2.5
55
2:1
NO
S2D2018A5
1.5
1.8
2.5
55
2:1
YES
S2S0518A6
1.5
2.0
3.0
60
2:1
NO
S2D0518A6
1.5
2.0
3.0
60
2:1
YES
S2S2018A4
--
1.6
2.2
40
2:1
NO
S2D2018A4
--
1.6
2.2
40
2:1
YES
S2S2018A5
--
1.8
2.5
55
2:1
NO
S2D2018A5
--
1.8
2.5
55
2:1
YES
S2S2018A6
--
2.0
3.0
60
2:1
NO
S2D2018A6
--
2.0
3.0
60
2:1
YES
NOTES:
1. Typical switching speed: 100 nsec.
2. Isolation ports are reflective
3. Power supply and model control:
HEROTEK, INC. 155 Baytech Drive, San Jose, California 95134
Phone: (408) 941-8399 Fax: (408) 941-8388 Email:info@herotek.com www.herotek.com
Page 1
0603-5-1B


Similar Part No. - S2D2018A4

ManufacturerPart #DatasheetDescription
logo
ebm-papst
S2D200-BA02-01 EBMPAPST-S2D200-BA02-01 Datasheet
459Kb / 10P
   AC axial fans
S2D200-BA02-02 EBMPAPST-S2D200-BA02-02 Datasheet
459Kb / 10P
   AC axial fans
logo
SYNERGY MICROWAVE CORPO...
S2D2025 SYNERGY-S2D2025 Datasheet
128Kb / 5P
   POWER DIVIDERS 0쨘 : 2-WAY
logo
Total Power Internation...
S2D20R TOTAL-POWER-S2D20R Datasheet
153Kb / 4P
   S2D00R SERIES 2 - 3 WATT HIGH / IN ISOLATION DIP DC/DC CONVERTERS SINGLE AND DUAL OUTPUT
More results

Similar Description - S2D2018A4

ManufacturerPart #DatasheetDescription
logo
BOWEI Integrated Circui...
SWDT-1C BOWEI-SWDT-1C Datasheet
100Kb / 1P
   PIN SPDT Switches
SWST-1A BOWEI-SWST-1A Datasheet
97Kb / 1P
   PIN SPDT Switches
logo
Tyco Electronics
MADR-007097-000100 MACOM-MADR-007097-000100 Datasheet
191Kb / 3P
   SPDT PIN Diode Driver
logo
Pasternack Enterprises,...
PE71S2042 PASTERNACK-PE71S2042_V01 Datasheet
468Kb / 5P
   SPDT PIN Diode Switch
logo
Tyco Electronics
DR65-0003 MACOM-DR65-0003 Datasheet
251Kb / 2P
   SPDT PIN Diode Driver
logo
M/A-COM Technology Solu...
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
MADR-007097 MA-COM-MADR-007097_15 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
MADR-007097 MA-COM-MADR-007097 Datasheet
571Kb / 5P
   SPDT PIN Diode Driver
logo
Pasternack Enterprises,...
PE71S2039 PASTERNACK-PE71S2039_V01 Datasheet
551Kb / 5P
   SPDT PIN Diode Switch
logo
M/A-COM Technology Solu...
MADR-007097-000100 MA-COM-MADR-007097-000100 Datasheet
124Kb / 4P
   SPDT PIN Diode Driver
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com