Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS1191RB Datasheet(PDF) 9 Page - STANLEY ELECTRIC CO.,LTD.

Part # PS1191RB
Description  Surface Mount Phototransistor/Reverse Mount Type
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANLEY [STANLEY ELECTRIC CO.,LTD.]
Direct Link  http://www.stanley.co.jp/e/
Logo STANLEY - STANLEY ELECTRIC CO.,LTD.

PS1191RB Datasheet(HTML) 9 Page - STANLEY ELECTRIC CO.,LTD.

Back Button PS1191RB Datasheet HTML 2Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 3Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 4Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 5Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 6Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 7Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 8Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 9Page - STANLEY ELECTRIC CO.,LTD. PS1191RB Datasheet HTML 10Page - STANLEY ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Page 9
Reliability Testing Result
Failure Criteria
PS1191RB
Surface Mount Phototransistor/Reverse Mount Type
Items
Symbols
Conditions
Failure criteria
Photo Current
IC
EE Value of each product
Irradiance of Photo Current
VCE Value of each product
Collector-emitter Voltage of
Photo Current
Testing Max. Value ≧Initial Value x 1.3
Testing Min. Value ≦ Initial Value x 0.7
Dark Current
ICEO
VCEO Value of each product
Collector-emitter Voltage of Dark
Current
Testing Max. Value ≧ Spec. Max. Value x 1.2
Cosmetic Appearance
-
-
Occurrence of notable decoloration,
deformation and cracking
2007.8.31
Reliability Testing
Result
Applicable Standard
Duration
Failure
Room Temp.
Operating Life
EIAJ ED-
4701/100(101)
1,000 h
0/16
Resistance to
Soldering Heat
EIAJ ED-
4701/300(301)
Twice
0/16
Temperature Cycling
EIAJ ED-
4701/100(105)
5 cycles
0/16
Wet High Temp.
Storage Life
EIAJ ED-
4701/100(103)
1,000 h
0/16
High Temp.
Storage Life
EIAJ ED-
4701/200(201)
1,000 h
0/16
Low Temp.
Storage Life
EIAJ ED-
4701/200(202)
1,000 h
0/16
Vibration,
Variable Frequency
EIAJ ED-
4701/400(403)
2 h
0/16
Testing Conditions
Ta = 25℃, Pc = Maxium Rated Power Dissipation
Minimum Rated Storage Temperature(30min)
~Normal Temperature(15min)
~Maximum Rated Storage Temperature(30min)
~Normal Temperature(15min)
Ta = 60±2℃, RH = 90±5%
(Pretreatment) Individual standard
(Reflow Soldering) Pre-heating
150℃~180℃ 120s
Operating Heating
230℃ Min.
Peak temperature 260℃
Ta = Maximum Rated Storage Temperature
Ta = Minimum Rated Storage Temperature
98.1m/s
2 (10G), 100 ~ 2KHz sweep for 20min.,
XYZ each direction


Similar Part No. - PS1191RB

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PS1192FB STANLEY-PS1192FB Datasheet
189Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
logo
List of Unclassifed Man...
PS1192HA ETC-PS1192HA Datasheet
44Kb / 2P
   PHOTO TRANSISTOR
logo
STANLEY ELECTRIC CO.,LT...
PS1195WB STANLEY-PS1195WB Datasheet
602Kb / 10P
   Narrow Distribution
logo
KODENSHI_AUK CORP.
PS119E-1 KODENSHI-PS119E-1 Datasheet
138Kb / 2P
   Exterior light endure by phase-modulation
More results

Similar Description - PS1191RB

ManufacturerPart #DatasheetDescription
logo
Rohm
RPM-075PT ROHM-RPM-075PT Datasheet
70Kb / 2P
   Phototransistor, surface mount type
RPM-075PTT86 ROHM-RPM-075PTT86 Datasheet
70Kb / 2P
   Phototransistor, surface mount type
logo
STANLEY ELECTRIC CO.,LT...
AN1111R STANLEY-AN1111R Datasheet
186Kb / 10P
   Surface Mount IRED/Reverse Mount Type
DNK1111R STANLEY-DNK1111R Datasheet
255Kb / 14P
   Surface Mount IRED/Reverse Mount Type
logo
List of Unclassifed Man...
PS1102HA ETC-PS1102HA Datasheet
166Kb / 10P
   Surface Mount Phototransistor/2125 Type
logo
Sharp Corporation
PT100MC0MP SHARP-PT100MC0MP Datasheet
782Kb / 11P
   Surface Mount Type, Transparent Resin Phototransistor
PT100MF0MP SHARP-PT100MF0MP Datasheet
822Kb / 11P
   Surface Mount Type, Opaque Resin Phototransistor
logo
STANLEY ELECTRIC CO.,LT...
PS1102FA STANLEY-PS1102FA Datasheet
186Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
PS1192FB STANLEY-PS1192FB Datasheet
189Kb / 10P
   Surface Mount Phototransistor/Right Angle Type
PS1101WA STANLEY-PS1101WA Datasheet
184Kb / 10P
   Surface Mount Phototransistor/Flat Lenz Type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com