Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB-F100SRW Datasheet(PDF) 1 Page - Kingbright Corporation

Part # KB-F100SRW
Description  3.81mmx19.05mm LED LIGHT BAR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB-F100SRW Datasheet(HTML) 1 Page - Kingbright Corporation

  KB-F100SRW Datasheet HTML 1Page - Kingbright Corporation KB-F100SRW Datasheet HTML 2Page - Kingbright Corporation KB-F100SRW Datasheet HTML 3Page - Kingbright Corporation KB-F100SRW Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAD0047
REV NO: V.8
DATE: MAY/16/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1334000251
3.81mmx19.05mm LED LIGHT BAR
Part Number: KB-F100SRW
Super Bright Red
Features
UNIFORM LIGHT EMITTING AREA.
LOW CURRENT OPERATION.
EASILY MOUNTED ON P.C. BOARDS.
FLUSH MOUNTABLE.
EXCELLENT ON/OFF CONTRAST.
CAN BE USED WITH PANELS AND LEGEND MOUNTS.
CATEGORIZED FOR LUMINOUS INTENSITY, YELLOW
AND GREEN CATEGORIZED FOR COLOR.
RoHS COMPLIANT.
Description
The Super Bright Red source color devices are made with
Gallium Aluminum Arsenide Red Light Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.


Similar Part No. - KB-F100SRW

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB-F100SRW KINGBRIGHT-KB-F100SRW Datasheet
424Kb / 6P
   LED LIGHT BARS
More results

Similar Description - KB-F100SRW

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
EMG2835D SUNLED-EMG2835D Datasheet
179Kb / 4P
   3.81mmx19.05mm LED LIGHT BAR
logo
Kingbright Corporation
KB2835CGKD KINGBRIGHT-KB2835CGKD Datasheet
345Kb / 6P
   3.81mmx19.05mm LED LIGHT BAR
KB2735YW KINGBRIGHT-KB2735YW Datasheet
199Kb / 4P
   3.81mmx19.05mm LED LIGHT BAR
logo
SunLED Corporation
EUY2735M SUNLED-EUY2735M Datasheet
177Kb / 4P
   3.81mmx19.05mm LED LIGHT BAR
logo
Kingbright Corporation
KB2735SYKW KINGBRIGHT-KB2735SYKW Datasheet
351Kb / 6P
   3.81mmx19.05mm LED LIGHT BAR
KB-F100SURKW KINGBRIGHT-KB-F100SURKW Datasheet
348Kb / 6P
   3.81mmx19.05mm LED LIGHT BAR
KB2835SGD KINGBRIGHT-KB2835SGD Datasheet
197Kb / 4P
   3.81mmx19.05mm LED LIGHT BAR
logo
SunLED Corporation
EMRF100M SUNLED-EMRF100M Datasheet
173Kb / 4P
   3.81mmx19.05mm LED LIGHT BAR
logo
Kingbright Corporation
KB2635EW KINGBRIGHT-KB2635EW Datasheet
200Kb / 4P
   3.81mmx19.05mm LED LIGHT BAR
logo
SunLED Corporation
EUR2635M SUNLED-EUR2635M Datasheet
174Kb / 4P
   3.81mmx19.05mm LED LIGHT BAR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com