Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC23031-FYMT Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC23031-FYMT
Description  4MHz PWM 400mA Buck Regulator with Hyper Light Load?
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC23031-FYMT Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC23031-FYMT Datasheet HTML 1Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 2Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 3Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 4Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 5Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 6Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 7Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 8Page - Micrel Semiconductor MIC23031-FYMT Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Micrel Inc.
MIC23031
May 2008
3
M9999-051608-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN). ……………………………………….6V
Sense (VSNS).. ..................................................................6V
Output Switch Voltage
..................................................6V
Enable Input Voltage (VEN).. ..............................-0.3V to VIN
Storage Temperature Range .. ……………-65
°C to +150°C
ESD Rating
(3).................................................ESD Sensitive
Operating Ratings
(2)
Supply Voltage (VIN)... …………………………..2.7V to 5.5V
Enable Input Voltage (VEN) .. ……………………….0V to VIN
Output Voltage Range (VSNS) ………………….0.7V to 3.6V
Junction Temperature Range (TJ)... ….-40
°C ≤ TJ ≤ +125°C
Thermal Resistance
1.6 x 1.6mm Thin MLF
®-6 (θJA).......................92.4°C/W
Electrical Characteristics
(4)
TA = 25°C; VIN = VEN = 3.6V; L = 1µH; COUT = 4.7µF unless otherwise specified.
Bold
values indicate –40°C
≤ TJ ≤ +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Supply Voltage Range
2.7
5.5
V
Under-Voltage Lockout Threshold
(turn-on)
2.45
2.55
2.65
V
Quiescent Current
IOUT = 0mA , SNS > 1.2 * VOUT Nominal
21
35
µA
Shutdown Current
VEN = 0V VIN = 5.5V
0.01
4
µA
Output Voltage Accuracy
VIN = 3.6V; ILOAD = 20mA
-2.5
+2.5
%
Feedback Voltage
Adjustable Option Only
0.62
V
Current Limit
SNS = 0.9*VOUTNOM
0.41
0.7
1
A
Output Voltage Line Regulation
VIN = 3.0V to 5.5V, VOUT = 1.2V, ILOAD = 20mA,
0.3
%/V
Output Voltage Load Regulation
20mA < ILOAD < 400mA, VOUT = 1.2V, VIN =
3.6V
0.7
%
PWM Switch ON-Resistance
ISW = 100mA PMOS
ISW = -100mA NMOS
0.65
0.8
Frequency
IOUT = 120mA
4
MHz
SoftStart Time
VOUT = 90%
100
µs
Enable Threshold
0.5
0.9
1.2
V
Enable Input Current
0.1
2
µA
Over-temperature Shutdown
160
°C
Over-temperature Shutdown Hysteresis
20
°C
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5kΩ in series with 100pF.
4. Specification for packaged product only.


Similar Part No. - MIC23031-FYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23031-FYMT MICREL-MIC23031-FYMT Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
More results

Similar Description - MIC23031-FYMT

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC23050 MICREL-MIC23050 Datasheet
459Kb / 13P
   4MHz PWM Buck Regulator with HYPER LIGHT LOAD?
MIC23250 MICREL-MIC23250 Datasheet
594Kb / 15P
   4MHz Dual 400mA Synchronous Buck Regulator with HYPER LIGHT LOAD?
MIC23031 MICREL-MIC23031_10 Datasheet
1Mb / 18P
   4MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23250 MICREL-MIC23250_10 Datasheet
995Kb / 20P
   4MHz Dual 400mA Synchronous Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150_15 Datasheet
1Mb / 18P
   4MHz, PWM, 2A Buck Regulator with HyperLight Load
MIC23150_0910 MICREL-MIC23150_0910 Datasheet
883Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23150 MICREL-MIC23150 Datasheet
938Kb / 15P
   4MHz PWM 2A Buck Regulator with HyperLight Load
MIC23030 MICREL-MIC23030 Datasheet
694Kb / 17P
   8MHz PWM 400mA Buck Regulator with HyperLight Load
MIC23050 MICREL-MIC23050_11 Datasheet
827Kb / 15P
   4MHz PWM Buck Regulator with HyperLight Load??Switching Scheme
MIC33050_1205 MICREL-MIC33050_1205 Datasheet
743Kb / 16P
   4MHz Internal Inductor PWM Buck Regulator with HyperLight Load
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com