Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN4668ARUZ Datasheet(PDF) 1 Page - Analog Devices

Part # ADN4668ARUZ
Description  3 V LVDS Quad CMOS Differential Line Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN4668ARUZ Datasheet(HTML) 1 Page - Analog Devices

  ADN4668ARUZ Datasheet HTML 1Page - Analog Devices ADN4668ARUZ Datasheet HTML 2Page - Analog Devices ADN4668ARUZ Datasheet HTML 3Page - Analog Devices ADN4668ARUZ Datasheet HTML 4Page - Analog Devices ADN4668ARUZ Datasheet HTML 5Page - Analog Devices ADN4668ARUZ Datasheet HTML 6Page - Analog Devices ADN4668ARUZ Datasheet HTML 7Page - Analog Devices ADN4668ARUZ Datasheet HTML 8Page - Analog Devices ADN4668ARUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3 V LVDS Quad CMOS
Differential Line Receiver
ADN4668
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
±15 kV ESD protection on receiver input pins
400 Mbps (200 MHz) switching rates
Flow-through pin configuration simplifies PCB layout
150 ps channel-to-channel skew (typical)
100 ps differential skew (typical)
2.7 ns maximum propagation delay
3.3 V power supply
High impedance outputs on power-down
Low power design (3 mW quiescent typical)
Interoperable with existing 5 V LVDS drivers
Accepts small swing (310 mV typical) differential
input signal levels
Supports open, short, and terminated input fail-safe
0 V to −100 mV threshold region
Conforms to TIA/EIA-644 LVDS standard
Industrial operating temperature range of −40°C to +85°C
Available in low profile TSSOP package
APPLICATIONS
Point-to-point data transmission
Multidrop buses
Clock distribution networks
Backplane receivers
FUNCTIONAL BLOCK DIAGRAM
R1
R2
R3
R4
RIN1+
VCC
GND
ADN4668
RIN1–
RIN2+
RIN2–
RIN3+
RIN3–
RIN4+
ROUT1
ROUT2
ROUT3
ROUT4
RIN4–
EN
EN
Figure 1.
GENERAL DESCRIPTION
The ADN4668 is a quad-channel CMOS, low voltage differential
signaling (LVDS) line receiver offering data rates of over 400 Mbps
(200 MHz) and ultralow power consumption. It features a flow-
through pin configuration for easy PCB layout and separation
of input and output signals.
The device accepts low voltage (310 mV typical) differential
input signals and converts them to a single-ended, 3 V TTL/CMOS
logic level.
The ADN4668 also offers active-high and active-low enable/disable
inputs (EN and EN) that control all four receivers. They disable
the receivers and switch the outputs to a high impedance state.
This high impedance state allows the outputs of one or more
ADN4668s to be multiplexed together and reduces the quies-
cent power consumption to 3 mW typical.
The ADN4668 and its companion driver, the ADN4667, offer
a new solution to high speed, point-to-point data transmission
and a low power alternative to emitter-coupled logic (ECL) or
positive emitter-coupled logic (PECL).


Similar Part No. - ADN4668ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARUZ AD-ADN4668ARUZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ-REEL7 AD-ADN4668ARUZ-REEL7 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4668ARUZ-REEL71 AD-ADN4668ARUZ-REEL71 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668ARUZ1 AD-ADN4668ARUZ1 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
More results

Similar Description - ADN4668ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN4668ARZ AD-ADN4668ARZ Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
REV. A
ADN4668 AD-ADN4668_V01 Datasheet
286Kb / 12P
   3 V LVDS Quad CMOS Differential Line Receiver
Rev. A
ADN4666 AD-ADN4666 Datasheet
262Kb / 12P
   3 V, LVDS, Quad CMOS Differential Line Receiver
REV. 0
logo
Texas Instruments
DS90LV048A TI1-DS90LV048A_16 Datasheet
1Mb / 22P
[Old version datasheet]   3-V LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
MNDS90C032-X-RH NSC-MNDS90C032-X-RH Datasheet
281Kb / 10P
   LVDS Quad CMOS Differential Line Receiver
logo
Texas Instruments
DS90C032QML TI1-DS90C032QML_13 Datasheet
722Kb / 19P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
DS90C032B TI1-DS90C032B Datasheet
1Mb / 16P
[Old version datasheet]   LVDS Quad CMOS Differential Line Receiver
logo
National Semiconductor ...
DS90C032 NSC-DS90C032_07 Datasheet
352Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032 NSC-DS90C032 Datasheet
231Kb / 12P
   LVDS Quad CMOS Differential Line Receiver
DS90C032B NSC-DS90C032B Datasheet
160Kb / 9P
   LVDS Quad CMOS Differential Line Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com