Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB815A Datasheet(PDF) 4 Page - Kingbright Corporation

Part # KB815A
Description  PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB815A Datasheet(HTML) 4 Page - Kingbright Corporation

  KB815A Datasheet HTML 1Page - Kingbright Corporation KB815A Datasheet HTML 2Page - Kingbright Corporation KB815A Datasheet HTML 3Page - Kingbright Corporation KB815A Datasheet HTML 4Page - Kingbright Corporation KB815A Datasheet HTML 5Page - Kingbright Corporation KB815A Datasheet HTML 6Page - Kingbright Corporation KB815A Datasheet HTML 7Page - Kingbright Corporation KB815A Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SPEC NO: DSAD1541
REV NO: V.6
DATE: APR/07/2005
PAGE: 4 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: B.H.LI
ERP: 1205000004
PHOTOCOUPLER
KB815
10
-25
25
0
10
-9
100
75
50
-7
10
-8
10
-6
10
-5
VCE=10V
10 -4
50
2.0
1
0.5
0
1.5
1.0
2
3.5
2.5 3.0
5
20
200
100
500
-10
10
-25
50
0
100
150
0
25
75
50
100
50
0.8
0.9
0.7
0.6
0.5
0.4
0.3
0.1
0.2
-25
0
0
25
1.0
100
75
C
IF=10mA
40
0
0
2
13
20
80
60
100
1mA
5
4
2mA
5mA
Pc(MAX)
Fig. 1 Current Transfor Ratio vs.
Forward Current
Fig. 2 Forward Current vs.
Forward voltage
Fig. 4 Relative Current Transfer Ratio
vs. Ambient Temperature
Fig. 3 Collector Current vs.
Collector-emitter Voltage
Fig. 5 Collector-emitter Saturation
Voltage vs. Ambient Temperature
Fig. 6 Collector Dark Current vs.
Ambient Temperature
Ta=75°C
50°C
25°C
0°C
-25°C
10
Ta=25 °C
Ambient temperature Ta (°C)
400
800
1200
1600
2000
2400
0
0.1 0.2 0.5
1
23 4 56 7
10
VCE=2V
Ta=25° C
IF=1mA
VCE=2V
I =20mA
I =5mA
F
C
Ambient temperature Ta(°C)
Collector-emitter voltage VCE(V)
Forward current IF(mA)
Forward voltage VF(V)
Ambient temperature Ta(°)


Similar Part No. - KB815A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB814 KINGBRIGHT-KB814 Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB8141 KINGBRIGHT-KB8141 Datasheet
156Kb / 8P
   PHOTOCOUPLER
KB814A KINGBRIGHT-KB814A Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB814AB KINGBRIGHT-KB814AB Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB814B KINGBRIGHT-KB814B Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
More results

Similar Description - KB815A

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com