Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KB815 Datasheet(PDF) 3 Page - Kingbright Corporation

Part # KB815
Description  PHOTOCOUPLER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KB815 Datasheet(HTML) 3 Page - Kingbright Corporation

  KB815 Datasheet HTML 1Page - Kingbright Corporation KB815 Datasheet HTML 2Page - Kingbright Corporation KB815 Datasheet HTML 3Page - Kingbright Corporation KB815 Datasheet HTML 4Page - Kingbright Corporation KB815 Datasheet HTML 5Page - Kingbright Corporation KB815 Datasheet HTML 6Page - Kingbright Corporation KB815 Datasheet HTML 7Page - Kingbright Corporation KB815 Datasheet HTML 8Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SPEC NO: DSAD1541
REV NO: V.6
DATE: APR/07/2005
PAGE: 3 OF 8
APPROVED: J. Lu
CHECKED: Tracy Deng
DRAWN: B.H.LI
ERP: 1205000004
PHOTOCOUPLER
KB815
****Electro-optical Characteristics
Model No.
Rank mark
CTR(%)
KB815L
L
600 to 1200
KB815A
A
1100 to 2200
KB815B
B
2100 to 4200
KB815C
C
4100 to 7500
Transfer
charact-
eristics
Response time
Rise time
Fall time
t
VCE=2V, I C=10mA,RL=100Ω
53
250
60
300
μ
μ
Forward voltage
Current transfer ratio
Peak forward voltage
Collector dark current
Collector-emitter saturation voltage
Input
Output
IFM =0.5A
3.0
VFM
VCE(sat)
CTR
ICEO
IF=20mA, I C=5mA
IF=1mA, VCE=2V
0.8
1.0
600
7500
VCE=10V,IF=0mA
-6
10
Parameter
VF
Symbol
IF=20mA
Conditions
1.2
1.4
Typ.
Min.
Max.
V
V
%
A
V
Unit
t
f
r
X 100%
CTR=
Ic
F
I
1600
Reverse current
IR
VR=4V
10
uA


Similar Part No. - KB815

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB814 KINGBRIGHT-KB814 Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB8141 KINGBRIGHT-KB8141 Datasheet
156Kb / 8P
   PHOTOCOUPLER
KB814A KINGBRIGHT-KB814A Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB814AB KINGBRIGHT-KB814AB Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
KB814B KINGBRIGHT-KB814B Datasheet
192Kb / 8P
   GENERAL PURPOSE HIGH ISOLATION VOLTAGE SINGLE TRANSISTOR TYPE PHOTOCOUPLER SERIES
More results

Similar Description - KB815

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
KB356NT KINGBRIGHT-KB356NT Datasheet
209Kb / 9P
   PHOTOCOUPLER
KB846 KINGBRIGHT-KB846 Datasheet
239Kb / 9P
   PHOTOCOUPLER
KBT011 KINGBRIGHT-KBT011 Datasheet
127Kb / 4P
   PHOTOCOUPLER
logo
California Eastern Labs
PS2561A-1 CEL-PS2561A-1 Datasheet
471Kb / 15P
   PHOTOCOUPLER
logo
Marktech Corporate
6N138 MARKTECH-6N138 Datasheet
107Kb / 3P
   PHOTOCOUPLER
logo
Kingbright Corporation
KB3541NT KINGBRIGHT-KB3541NT Datasheet
142Kb / 7P
   PHOTOCOUPLER
logo
Lite-On Technology Corp...
LTV-M601 LITEON-LTV-M601 Datasheet
527Kb / 17P
   Photocoupler
logo
LETEX TECHNOLOGY CORP.
LA313 LETEX-LA313 Datasheet
211Kb / 4P
   Photocoupler
LA211 LETEX-LA211 Datasheet
195Kb / 4P
   Photocoupler
logo
Guangdong Youtai Semico...
PS2501 UMW-PS2501 Datasheet
263Kb / 5P
   PHOTOCOUPLER
logo
List of Unclassifed Man...
LA212 ETC-LA212 Datasheet
199Kb / 3P
   Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com