Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP1703SURC Datasheet(PDF) 1 Page - Kingbright Corporation

Part # WP1703SURC
Description  T-1 3/4 (5mm) ROUND LED LAMP HYPER RED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1703SURC Datasheet(HTML) 1 Page - Kingbright Corporation

  WP1703SURC Datasheet HTML 1Page - Kingbright Corporation WP1703SURC Datasheet HTML 2Page - Kingbright Corporation WP1703SURC Datasheet HTML 3Page - Kingbright Corporation WP1703SURC Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SPEC NO: DSAF2452
REV NO: V.1
DATE: APR/28/2005
PAGE: 1 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: H.Q.YUAN
ERP: 1101002433
T-1 3/4 (5mm) ROUND LED LAMP
Features
OUTSTANDING MATERIAL EFFICIENCY.
RELIABLE AND RUGGED.
I.C. COMPATIBLE.
RoHS COMPLIANT.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is
±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the leads em erge from the package.
4. Specifications are subject to change without notice.
WP1703SURC
HYPER RED
Description
The Hyper Red source color devices are made
with DH InGaAlP on GaAs substrate Light Emitting Diode.


Similar Part No. - WP1703SURC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1703SURC-E KINGBRIGHT-WP1703SURC-E Datasheet
102Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP HYPER RED
More results

Similar Description - WP1703SURC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP2523SURC KINGBRIGHT-WP2523SURC Datasheet
120Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP HYPER RED
WP1703SURC-E KINGBRIGHT-WP1703SURC-E Datasheet
102Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP HYPER RED
L2523SURC KINGBRIGHT-L2523SURC Datasheet
102Kb / 4P
   T-1 3/4 (5MM) HYPER RED LED LAMPS
WP1513SURC-E KINGBRIGHT-WP1513SURC-E Datasheet
104Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP HYPER RED
WP1513SURC KINGBRIGHT-WP1513SURC Datasheet
107Kb / 4P
   T-1 3/4 (5mm) SOLID STATE LAMP HYPER RED
WP7113SURC-E KINGBRIGHT-WP7113SURC-E Datasheet
257Kb / 6P
   T-1 3/4 (5mm) SOLID STATE LAMP Hyper Red
WP7143SRC-D KINGBRIGHT-WP7143SRC-D_15 Datasheet
317Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
WP7143SRC-D KINGBRIGHT-WP7143SRC-D Datasheet
260Kb / 6P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
SunLED Corporation
LM2BG14W SUNLED-LM2BG14W Datasheet
175Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
logo
Kingbright Corporation
WP7143SURC KINGBRIGHT-WP7143SURC Datasheet
102Kb / 4P
   T-1 3/4 (5mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com