Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4002 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4002
Description  PWM LED Driver and Boost, Flyback and SEPIC Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 3Page - Linear Technology LTC4002 Datasheet HTML 4Page - Linear Technology LTC4002 Datasheet HTML 5Page - Linear Technology LTC4002 Datasheet HTML 6Page - Linear Technology LTC4002 Datasheet HTML 7Page - Linear Technology LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology LTC4002 Datasheet HTML 10Page - Linear Technology LTC4002 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
LTC3783
3783f
PI FU CTIO S
FBN (Pin 1): Error Amplifier Inverting Input/Negative
Current Sense Pin. In voltage mode (VFBP ≤ VVREF), this
pin senses feedback voltage from either the external
resistor divider across VOUT for output voltage regula-
tion, or the grounded sense resistor under the load for
output current regulation. In constant current/constant
voltage mode (VFBP > 2.5V), connect this pin to the
negative side of the current-regulating resistor. Nominal
voltage for this pin in regulation is either VFBP or (VFBP
100mV) for VILIM = 1.23V, depending on operational
mode (voltage or constant current/constant voltage) set
by the voltage at VFBP.
FBP (Pin 2): Error Amplifier Noninverting Input/Positive
Current Sense Pin. This pin voltage determines the control
loop’s feedback mode (voltage or constant current/con-
stant voltage), the threshold of which is approximately 2V.
In voltage mode (VFBP ≤ VREF), this pin represents the
desired voltage which the regulated loop will cause FBN to
follow. In constant current/constant voltage mode (VFBP >
2.5V), connect this pin to the positive side of the load
current-sensing resistor. The acceptable input ranges for
this pin are 0V to 1.23V (voltage mode) and 2.5V to 36V
(constant current/constant voltage mode).
ILIM(Pin 3): Current Limit Pin. Sets current sense resistor
offset voltage (VFBP – VFBN) in constant current mode
regulation (i.e., when VFBP > 2.5V). Offset voltage is
100mV when VILIM = 1.23V and decreases proportionally
with VILIM. Nominal voltage range for this pin is 0.1V to
1.23V.
VREF (Pin 4): Reference Voltage Pin. Provides a buffered
version of the internal bandgap voltage, which can be
connected to FBP either directly or with attenuation.
Nominal voltage for this pin is 1.23V. This pin should never
be bypassed by a capacitor to GND. Instead, a 10k resistor
to GND should be used to lower pin impedance in noisy
systems.
FREQ (Pin 5): A resistor from the FREQ pin to ground
programs the operating frequency of the chip. The nomi-
nal voltage at the FREQ pin is 0.615V.
SYNC (Pin 6): This input allows for synchronizing the
operating frequency to an external clock and has an
internal 100k pull-down resistor.
PWMIN (Pin 7): PWM Gate Driver Input. Internal 100k
pull-up resistor. While PWMIN is low, PWMOUT is low,
GATE stops switching and the external ITH network is
disconnected, saving the ITH state.
PWMOUT (Pin 8): PWM Gate Driver Output. Used for
constant current dimming (LED load) or for output discon-
nect (step-up power supply).
GATE (Pin 9): Main Gate Driver Output for the Boost
Converter.
INTVCC (Pin 10): Internal 7V Regulator Output. The main
and PWM gate drivers and control circuits are powered
from this voltage. Decouple this pin locally to the IC
ground with a minimum of 4.7
µF low ESR ceramic
capacitor.
VIN (Pin 11): Main Supply Pin. Must be closely decoupled
to ground.
SENSE (Pin 12): Current Sense Input for the Control
Loop. Connect this pin to the drain of the main power
MOSFET for VDS sensing and highest efficiency for VSENSE
≤ 36V. Alternatively, the SENSE pin may be connected to
a resistor in the source of the main power MOSFET.
Internal leading-edge blanking is provided for both sens-
ing methods.
SS (Pin 13): Soft-Start Pin. Provides a 50
µA pull-up
current, enabled and reset by RUN, which charges an
optional external capacitor. This voltage ramp translates
into a corresponding current limit ramp through the main
MOSFET.
OV/FB (Pin 14): Overvoltage Pin/Voltage Feedback Pin. In
voltage mode (VFBP ≤ VREF), this input, connected to VOUT
through a resistor network, sets the output voltage at
which GATE switching is disabled in order to prevent an
overvoltage situation. Nominal threshold voltage for the
OV pin is 1.32V (VREF + 7%) with 20mV hysteresis. In
current/voltage mode (VFBP > 2.5V), this pin senses VOUT
through a resistor divider and brings the loop into voltage
regulation such that pin voltage approaches VREF = 1.23V,
provided the loop is not regulating the load current (e.g.,
[VFBP – VFBN] < 100mV for ILIM = 1.23V).


Similar Part No. - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone Li-Ion Switch Mode Battery Charger
LTC4002 LINER-LTC4002 Datasheet
332Kb / 24P
   Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
   Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4002 LINER-LTC4002 Datasheet
290Kb / 24P
   USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3783 LINER-LTC3783_15 Datasheet
309Kb / 24P
   PWM LED Driver and Boost, Flyback and SEPIC Controller
LT3757 LINER-LT3757 Datasheet
496Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757MPMSE LINER-LT3757MPMSE Datasheet
396Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757A LINER-LT3757A_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757IMSE LINER-LT3757IMSE Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LT3757 LINER-LT3757_15 Datasheet
463Kb / 36P
   Boost, Flyback, SEPIC and Inverting Controller
LTC1871IMS LINER-LTC1871IMS Datasheet
527Kb / 36P
   Current Mode Boost Flyback and SEPIC Controller
LT3758 LINER-LT3758 Datasheet
741Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758A LINER-LT3758A_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
LT3758 LINER-LT3758_15 Datasheet
515Kb / 36P
   High Input Voltage, Boost, Flyback, SEPIC and Inverting Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com