Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WP1154PGT Datasheet(PDF) 3 Page - Kingbright Corporation

Part # WP1154PGT
Description  T-1 (3mm) SOLID STATE LAMP PURE GREEN
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

WP1154PGT Datasheet(HTML) 3 Page - Kingbright Corporation

  WP1154PGT Datasheet HTML 1Page - Kingbright Corporation WP1154PGT Datasheet HTML 2Page - Kingbright Corporation WP1154PGT Datasheet HTML 3Page - Kingbright Corporation WP1154PGT Datasheet HTML 4Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPEC NO: DSAF2125
REV NO: V.1
DATE: APR/11/2005
PAGE: 3 OF 4
APPROVED: J. Lu
CHECKED: Allen Liu
DRAWN: W.J.ZHU
ERP:1101000709-01
Pure Green
WP1154PGT


Similar Part No. - WP1154PGT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP1154PGD KINGBRIGHT-WP1154PGD Datasheet
115Kb / 4P
   T-1 (3mm) SOLID STATE LAMP
More results

Similar Description - WP1154PGT

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
WP7104PGT KINGBRIGHT-WP7104PGT Datasheet
412Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Pure Green
WP7104ND KINGBRIGHT-WP7104ND Datasheet
413Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Pure Orange
WP1154NT KINGBRIGHT-WP1154NT Datasheet
115Kb / 4P
   T-1 (3mm) SOLID STATE LAMP PURE ORANGE
WP7104NT KINGBRIGHT-WP7104NT Datasheet
413Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Pure Orange
WP7104GC KINGBRIGHT-WP7104GC Datasheet
414Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Green
WP7104CGCK KINGBRIGHT-WP7104CGCK Datasheet
258Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Green
WP7104VGC-A KINGBRIGHT-WP7104VGC-A Datasheet
250Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Green
WP7104TGC-Z KINGBRIGHT-WP7104TGC-Z Datasheet
412Kb / 6P
   T-1 (3mm) SOLID STATE LAMP Green
WP7104VGC-Z KINGBRIGHT-WP7104VGC-Z Datasheet
269Kb / 6P
   T-1 (3mm) SOLID STATE LAMP GREEN
WP132XID KINGBRIGHT-WP132XID_15 Datasheet
314Kb / 6P
   T-1 (3mm) SOLID STATE LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com