Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V436516Z04VTG-75 Datasheet(PDF) 6 Page - Mosel Vitelic, Corp

Part # V436516Z04VTG-75
Description  3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSEL [Mosel Vitelic, Corp]
Direct Link  http://www.moselvitelic.com
Logo MOSEL - Mosel Vitelic, Corp

V436516Z04VTG-75 Datasheet(HTML) 6 Page - Mosel Vitelic, Corp

Back Button V436516Z04VTG-75 Datasheet HTML 2Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 3Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 4Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 5Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 6Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 7Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 8Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 9Page - Mosel Vitelic, Corp V436516Z04VTG-75 Datasheet HTML 10Page - Mosel Vitelic, Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
V436516Z04VTG-75 Rev. 1.2 September 2000
MOSEL VITELIC
V436516Z04VTG-75
Capacitance
TA = 0°C to 70°C; VDD = 3.3V ± 0.3V, f = 1 MHz
Absolute Maximum Ratings
Standby and Refresh Currents1
TA = 0°C to 70°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
Limit Values
Unit
CI1
Input Capacitance (A0 to A11, RAS, CAS, WE)
10
pF
CI2
Input Capacitance (CS0)
10
pF
CICL
Input Capacitance (CLK0-CLK1)
30
pF
CI3
Input Capacitance (CKE0)
10
pF
CI4
Input Capacitance (DQMB0-DQMB7)
10
pF
CI0
Input/Output Capacitance (DQ0-DQ63)
10
pF
CSC
Input Capacitance (SCL, SA0-2)
10
pF
Parameter
Max.
Units
Voltage on VDD Supply Relative to VSS
-1 to 4.6
V
Voltage on Input Relative to VSS
-1 to 4.6
V
Operating Temperature
0 to +70
°C
Storage Temperature
-55 to 125
°C
Power Dissipation
7
W
Symbol Parameter
Test Conditions
16M x 64
Unit
Note
ICC1
Operating Current
Burst length = 4, CL = 3
tRC> = tRC(min),
tCK> = tCK(min), IO = 0 mA
2 Bank Interleave Operation
1360
mA
1,2
ICC2P
Precharged Standby Current in Power
Down Mode
CKE< = VIL(max), tCK> = tCK(min)
12
mA
ICC2N
Precharged Standby Current in
Non-Power Down Mode
CKE> = VIH(min), tCK> = tCK(min), Input
changed once in 3 cycles
360
mA
CS =
High
ICC3P
Active Standby Current in Power
Down Mode
CKE< = VIL(max), tCK> = tCK(min)
80
mA
ICC3N
Active Standby Current in Non-Power
Down Mode
CKE> = VIH(min), tCK> = tCK(min), Input
changed one time
440
mA
CS =
High
ICC4
Burst Operating Current
Burst length = Full Page,
tRC = Infinite, CL = 3,
tCK> = tCK(min), IO = 0 mA
2 Banks Activated
880
mA
1, 2
ICC5
Auto Refresh Current
tRC>= tRC(min)
2000
mA
1,2
ICC6
Self Refresh Current
CKE = <0,2 V
12
mA
1,2
L-Version
6.4
mA


Similar Part No. - V436516Z04VTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
More results

Similar Description - V436516Z04VTG-75

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
V43644Y04VCTG-75 MOSEL-V43644Y04VCTG-75 Datasheet
128Kb / 11P
   3.3 VOLT 4M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648Z04VCTG-75 MOSEL-V43648Z04VCTG-75 Datasheet
136Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V43648Y04VCTG-75 MOSEL-V43648Y04VCTG-75 Datasheet
146Kb / 11P
   3.3 VOLT 8M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SODIMM
V436516Z04VATG-10PC MOSEL-V436516Z04VATG-10PC Datasheet
72Kb / 11P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC100 UNBUFFERED SODIMM
V436616Y24V MOSEL-V436616Y24V Datasheet
327Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE SDRAM UNBUFFERED SODIMM
V436516S04VATG-75PC MOSEL-V436516S04VATG-75PC Datasheet
287Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436416S04VCTG-75 MOSEL-V436416S04VCTG-75 Datasheet
278Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436516S04VATG-75 MOSEL-V436516S04VATG-75 Datasheet
179Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE PC133 UNBUFFERED SDRAM MODULE
V436616Y24VATG-75 MOSEL-V436616Y24VATG-75 Datasheet
254Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
V436616Y24VATG-75PC MOSEL-V436616Y24VATG-75PC Datasheet
257Kb / 12P
   3.3 VOLT 16M x 64 HIGH PERFORMANCE 133 MHZ SDRAM UNBUFFERED SODIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com