Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G02DBVTG4 Datasheet(PDF) 6 Page - Texas Instruments

Part # SN74AUP1G02DBVTG4
Description  LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AUP1G02DBVTG4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SN74AUP1G02DBVTG4 Datasheet HTML 2Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 3Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 4Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 5Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 6Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 7Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 8Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 9Page - Texas Instruments SN74AUP1G02DBVTG4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
www.ti.com
Switching Characteristics
Switching Characteristics
Switching Characteristics
Operating Characteristics
SN74AUP1G02
LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SCES568D – JUNE 2004 – REVISED MAY 2007
over recommended operating free-air temperature range, C
L = 10 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP MAX
MIN
MAX
0.8 V
22.3
1.2 V
± 0.1 V
1.5
8.5
14.9
1
17.9
1.5 V
± 0.1 V
1
6.2
10.2
0.5
11.8
tpd
A or B
Y
ns
1.8 V
± 0.15 V
1
5
7.9
0.5
9.5
2.5 V
± 0.2 V
1
3.6
5.4
0.5
6.5
3.3 V
± 0.3 V
1
2.9
4.4
0.5
5
over recommended operating free-air temperature range, C
L = 15 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
25
1.2 V
± 0.1 V
3.6
9.9
16.5
3.1
20.6
1.5 V
± 0.1 V
2.3
7.2
11.3
1.8
13.7
tpd
A or B
Y
ns
1.8 V
± 0.15 V
1.6
5.8
8.9
1.1
11.1
2.5 V
± 0.2 V
1
4.3
6.1
0.5
7.7
3.3 V
± 0.3 V
1
3.4
5
0.5
6.2
over recommended operating free-air temperature range, C
L = 30 pF (unless otherwise noted) (see Figure 3 and Figure 4)
TA = 25°C
TA = –40°C to 85°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
0.8 V
34.6
1.2 V
± 0.1 V
4.9
13.1
21.1
4.4
26.2
1.5 V
± 0.1 V
3.4
9.5
14.4
2.9
17.4
tpd
A or B
Y
ns
1.8 V
± 0.15 V
2.5
7.7
11.2
2
14
2.5 V
± 0.2 V
1.8
5.7
7.8
1.3
9.8
3.3 V
± 0.3 V
1.5
4.7
6.4
1
7.8
T
A = 25°C
PARAMETER
TEST CONDITIONS
VCC
TYP
UNIT
0.8 V
4.1
1.2 V
± 0.1 V
4.1
1.5 V
± 0.1 V
4.1
Cpd
Power dissipation capacitance
f = 10 MHz
pF
1.8 V
± 0.15 V
4.1
2.5 V
± 0.2 V
4.2
3.3 V
± 0.3 V
4.3
6
Submit Documentation Feedback


Similar Part No. - SN74AUP1G02DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02DBVTG4 TI-SN74AUP1G02DBVTG4 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
More results

Similar Description - SN74AUP1G02DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G02_101 TI-SN74AUP1G02_101 Datasheet
903Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI-SN74AUP1G02 Datasheet
337Kb / 13P
[Old version datasheet]   LOW-POWER SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AUP1G02 TI1-SN74AUP1G02_16 Datasheet
1Mb / 34P
[Old version datasheet]   Low-Power Single 2-Input Positive-NOR Gate
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com