Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2738XMY Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2738XMY
Description  550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2738XMY Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LM2738XMY Datasheet HTML 5Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 6Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 7Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 8Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 9Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 10Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 11Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 12Page - National Semiconductor (TI) LM2738XMY Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
//htmlimg2.alldatasheet.com/htmldatasheet2/233350/NSC/LM2738XMY/552/9/LM2738XMY.png


Similar Part No. - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2738XMY TI1-LM2738XMY Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
LM2738XMY/NOPB TI1-LM2738XMY/NOPB Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
More results

Similar Description - LM2738XMY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2738 TI-LM2738_15 Datasheet
1Mb / 38P
[Old version datasheet]   LM2738 550kHz/1.6MHz 1.5A Step-Down DC-DC Switching Regulator
LM2738 TI1-LM2738_16 Datasheet
1Mb / 40P
[Old version datasheet]   1.5A Step-Down DC-DC Switching Regulator
logo
Eutech Microelectronics...
EUP3291 EUTECH-EUP3291 Datasheet
736Kb / 1P
   1.5A, 2.25MHz Synchronous Step-Down DC/DC Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
[Old version datasheet]   Step-Down DC-DC Switching Regulator
logo
National Semiconductor ...
LM2831 NSC-LM2831 Datasheet
890Kb / 27P
   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
Texas Instruments
LM2831 TI1-LM2831_14 Datasheet
1Mb / 34P
[Old version datasheet]   High Frequency 1.5A Load - Step-Down DC-DC Regulator
logo
STMicroelectronics
L5983 STMICROELECTRONICS-L5983 Datasheet
938Kb / 37P
   1.5A step-down switching regulator
L5971 STMICROELECTRONICS-L5971 Datasheet
96Kb / 11P
   1.5A STEP DOWN SWITCHING REGULATOR
E-L4971 STMICROELECTRONICS-E-L4971 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
L4971 STMICROELECTRONICS-L4971_05 Datasheet
574Kb / 13P
   1.5A STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com