Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2914NG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # UC2914NG4
Description  5-V TO 35-V HOT SWAP POWER MANAGER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2914NG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button UC2914NG4 Datasheet HTML 4Page - Texas Instruments UC2914NG4 Datasheet HTML 5Page - Texas Instruments UC2914NG4 Datasheet HTML 6Page - Texas Instruments UC2914NG4 Datasheet HTML 7Page - Texas Instruments UC2914NG4 Datasheet HTML 8Page - Texas Instruments UC2914NG4 Datasheet HTML 9Page - Texas Instruments UC2914NG4 Datasheet HTML 10Page - Texas Instruments UC2914NG4 Datasheet HTML 11Page - Texas Instruments UC2914NG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
UC2914
UC3914
SLUS425C − DECEMBER 2003 − REVISED JULY 2004
8
www.ti.com
APPLICATION INFORMATION
Analysis of the application circuit shows that VIMAX (with respect to GND) can be defined as:
V
IMAX + VREF )
V
CC * VREF
R1
R1
) R2
+ 2V
R1
R1
) R2 )
V
REF
where
D VREF is the voltage on the REF pin, an internally generated potential 2-V below VCC
The UC3914 also has an internal overcurrent comparator which monitors the voltage between SENSE and
VCC. If this voltage exceeds 50 mV, the comparator determines that a fault has occurred, and a timing capacitor,
CT, begins to charge. This can be rewritten as a current which causes a fault, IFAULT:
I
FAULT +
50 mV
R
SENSE
FAULT TIMING
Figure 2 shows the circuitry associated with the fault timing function of the UC3914. A typical fault mode, where
the overload comparator and current source I3 do not factor into operation (switch S2 is open), is first
considered. Once the voltage across RSENSE exceeds 50 mV, a fault has occurred. This causes the timing
capacitor, CT, to charge with a combination of 100 µA (I1) plus the current from the power limiting circuitry (IPL).
UDG−03158
2
17
VCC
SENSE
12
14
15
VOUTS
PLIM
CT
+
S1
S2
+
+
+
0.5 V
SQ
Q
R
FAULT
LATCH
H=CLOSE
H=CLOSE
RPL
RSENSE
To LOAD
CT
50 mV
VCC
VCC
103
µA
3 mA
2.5 V
0.2 V
IMAX
SENSE
To
Output
Drive
H=OFF
Reset
Comparator
I2
3
µA
Fault
Comparator
IPL
To
Output
Overload
Comparator
To VCC
I1
I3
Figure 2. Fault Timing Circuitry Including Power Limit and Overcurrent
(5)
(6)


Similar Part No. - UC2914NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2914 TI-UC2914 Datasheet
652Kb / 14P
[Old version datasheet]   5V to 35V Hot Swap Power Manager
More results

Similar Description - UC2914NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2920 TI1-UCC2920 Datasheet
251Kb / 7P
[Old version datasheet]   ??V to ??5V Hot Swap Power Manager
UCC2919PW TI1-UCC2919PW Datasheet
825Kb / 27P
[Old version datasheet]   3-V TO 8-V HOT SWAP POWER MANAGER
TPS2394 TI1-TPS2394 Datasheet
340Kb / 18P
[Old version datasheet]   ??8-V Hot Swap Power Manager
TPS2394 TI1-TPS2394_15 Datasheet
676Kb / 20P
[Old version datasheet]   ??8-V Hot Swap Power Manager
UCC3915DP TI-UCC3915DP Datasheet
663Kb / 15P
[Old version datasheet]   15-V PROGRAMMABLE HOT SWAP POWER MANAGER
TPS2393 TI-TPS2393 Datasheet
373Kb / 31P
[Old version datasheet]   FULL-FEATURED -48-V HOT SWAP POWER MANAGER
TPS2350 TI1-TPS2350_15 Datasheet
1Mb / 27P
[Old version datasheet]   Hot Swap Power Manager for Redundant ??8-V Supplies
TPS2350 TI-TPS2350 Datasheet
368Kb / 21P
[Old version datasheet]   HOT SWAP POWER MANAGER FOR REDUNDANT-48-V SUPPLIES
UCC3912 TI-UCC3912 Datasheet
148Kb / 6P
[Old version datasheet]   Programmable Hot Swap Power Manager
TPS2345 TI1-TPS2345 Datasheet
480Kb / 30P
[Old version datasheet]   CompactPCI짰 HOT SWAP POWER MANAGER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com