Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E80276 Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # E80276
Description  TRANSISTOR MODULES MEDIUM POWER SWITCHING USE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

E80276 Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  E80276 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor E80276 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor E80276 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor E80276 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor E80276 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Feb.1999
0
10
–1
10
–2
10
–3
10
0
10
–1
10
7
5
4
3
2
–2
10
7
5
4
3
2
2.8
3.2
3.6
4.0
4.4
4.8
VCE=4V
Tj=25°C
100
80
60
40
20
0
0
1
2
345
Tj=25°C
IB=400mA
IB=200mA
IB=67mA
IB=20mA
IB=10mA
4
10
7
5
4
3
2
3
10
7
5
4
3
2
2
10
0
10
23 4 5 7
1
10
23 4 5 7
2
10
VCE=4V
Tj=25°C
Tj=125°C
VCE=10V
1
10
7
5
4
3
2
0
10
7
5
4
3
2
–1
10
0
10
23 4 5 7
1
10
23 4 5 7
2
10
VCE(sat)
VBE(sat)
Tj=25°C
Tj=125°C
IB=67mA
0
7
5
3
2
7
5
3
2
7
5
3
2
5
4
3
2
1
44
4
Tj=25°C
Tj=125°C
IC=30A
IC=50A
1
10
7
5
4
3
2
0
10
7
5
4
3
34 5 7
2 3 4 5 7
2
10
3
2
23
Tj=25°C
Tj=125°C
tf
ton
ts
VCC=600V
IB1=100mA
–IB2=1A
1
10
PERFORMANCE CURVES
COMMON EMITTER OUTPUT
CHARACTERISTICS (TYPICAL)
COMMON EMITTER INPUT
CHARACTERISTIC (TYPICAL)
SATURATION VOLTAGE
CHARACTERISTICS (TYPICAL)
COLLECTOR-EMITTER SATURATION
VOLTAGE (TYPICAL)
SWITCHING TIME VS. COLLECTOR
CURRENT (TYPICAL)
DC CURRENT GAIN VS.
COLLECTOR CURRENT (TYPICAL)
COLLECTOR-EMITTER VOLTAGE
VCE (V)
COLLECTOR CURRENT
IC (A)
COLLECTOR CURRENT
IC (A)
BASE-EMITTER VOLTAGE
VBE (V)
BASE CURRENT
IB (A)
COLLECTOR CURRENT
IC (A)
MITSUBISHI TRANSISTOR MODULES
QM50DY-2HB
MEDIUM POWER SWITCHING USE
INSULATED TYPE


Similar Part No. - E80276

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
E80276 MITSUBISHI-E80276 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES FLAT-BASE TYPE INSULATED PACKAGE
More results

Similar Description - E80276

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM50DU-24H MITSUBISHI-CM50DU-24H Datasheet
116Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TU-24H MITSUBISHI-CM50TU-24H_09 Datasheet
121Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50E3U-24H MITSUBISHI-CM50E3U-24H_09 Datasheet
79Kb / 4P
   IGBT MODULES MEDIUM POWER SWITCHING USE INSULATED TYPE
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
   IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com