Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MJE5852 Datasheet(PDF) 3 Page - STMicroelectronics

Part # MJE5852
Description  HIGH VOLTAGE PNP POWER TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

MJE5852 Datasheet(HTML) 3 Page - STMicroelectronics

  MJE5852 Datasheet HTML 1Page - STMicroelectronics MJE5852 Datasheet HTML 2Page - STMicroelectronics MJE5852 Datasheet HTML 3Page - STMicroelectronics MJE5852 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
4.40
4.60
0.173
0.181
C
1.23
1.32
0.048
0.051
D
2.40
2.72
0.094
0.107
D1
1.27
0.050
E
0.49
0.70
0.019
0.027
F
0.61
0.88
0.024
0.034
F1
1.14
1.70
0.044
0.067
F2
1.14
1.70
0.044
0.067
G
4.95
5.15
0.194
0.203
G1
2.4
2.7
0.094
0.106
H2
10.0
10.40
0.393
0.409
L2
16.4
0.645
L4
13.0
14.0
0.511
0.551
L5
2.65
2.95
0.104
0.116
L6
15.25
15.75
0.600
0.620
L7
6.2
6.6
0.244
0.260
L9
3.5
3.93
0.137
0.154
DIA.
3.75
3.85
0.147
0.151
P011C
TO-220 MECHANICAL DATA
MJE5852
3/4


Similar Part No. - MJE5852

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJE5852 MOTOROLA-MJE5852 Datasheet
302Kb / 8P
   8 AMPERE PNP SILICON POWER TRANSISTORS 300- 350- 400 VOLTS 80 WATTS
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
302Kb / 8P
   PNP SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
MJE5852 STMICROELECTRONICS-MJE5852 Datasheet
56Kb / 4P
   HIGH VOLTAGE PNP POWER TRANSISTOR
September 2003
logo
ON Semiconductor
MJE5852 ONSEMI-MJE5852 Datasheet
104Kb / 8P
   8 AMPERE PCP SILICON POWER TRANSISTORS 300 - 350 - 400 VOLTS 80 WATTS
February, 2006 ??Rev. 4
logo
New Jersey Semi-Conduct...
MJE5852 NJSEMI-MJE5852 Datasheet
114Kb / 3P
   SWITCHMODE Series PNP Silicon Power Transistors
More results

Similar Description - MJE5852

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJE5852 STMICROELECTRONICS-MJE5852_03 Datasheet
56Kb / 4P
   HIGH VOLTAGE PNP POWER TRANSISTOR
September 2003
ST93003 STMICROELECTRONICS-ST93003 Datasheet
254Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
logo
Galaxy Semi-Conductor H...
3CD14001 BILIN-3CD14001 Datasheet
177Kb / 4P
   High Voltage Fast Switching PNP Power Transistor
logo
Shenzhen Luguang Electr...
3CD14001 LUGUANG-3CD14001 Datasheet
1Mb / 3P
   High Voltage Fast Switching PNP Power Transistor
logo
Diodes Incorporated
ZXTP08400BFF DIODES-ZXTP08400BFF_16 Datasheet
392Kb / 7P
   400V PNP MEDIUM POWER HIGH VOLTAGE TRANSISTOR
logo
NXP Semiconductors
PH5416 PHILIPS-PH5416 Datasheet
50Kb / 8P
   PNP high-voltage transistor
1997 Apr 22
BFT45 PHILIPS-BFT45 Datasheet
52Kb / 8P
   PNP high-voltage transistor
1997 Apr 18
PMBTA92 PHILIPS-PMBTA92 Datasheet
41Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
logo
Guilin Strong Micro-Ele...
GMBTA94 GSME-GMBTA94 Datasheet
333Kb / 2P
   PNP High Voltage Transistor
logo
NXP Semiconductors
PMBTA92 NXP-PMBTA92 Datasheet
106Kb / 6P
   PNP high-voltage transistor
2004 Jan 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com