Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APTF3216SEEVGAPBAC Datasheet(PDF) 6 Page - Kingbright Corporation

Part # APTF3216SEEVGAPBAC
Description  3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APTF3216SEEVGAPBAC Datasheet(HTML) 6 Page - Kingbright Corporation

  APTF3216SEEVGAPBAC Datasheet HTML 1Page - Kingbright Corporation APTF3216SEEVGAPBAC Datasheet HTML 2Page - Kingbright Corporation APTF3216SEEVGAPBAC Datasheet HTML 3Page - Kingbright Corporation APTF3216SEEVGAPBAC Datasheet HTML 4Page - Kingbright Corporation APTF3216SEEVGAPBAC Datasheet HTML 5Page - Kingbright Corporation APTF3216SEEVGAPBAC Datasheet HTML 6Page - Kingbright Corporation APTF3216SEEVGAPBAC Datasheet HTML 7Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
SPEC NO: DSAH7952
REV NO: V.1
DATE: SEP/29/2007
PAGE: 6 OF 7
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: C.WANG
ERP: 1203007278
APTF3216SEEVGAPBAC
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specifications
(Units : mm)


Similar Part No. - APTF3216SEEVGAPBAC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTF3216SURKCGKPBAC KINGBRIGHT-APTF3216SURKCGKPBAC Datasheet
254Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
More results

Similar Description - APTF3216SEEVGAPBAC

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTF3216PBAVGASUK KINGBRIGHT-APTF3216PBAVGASUK Datasheet
234Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
KPTF-3216PBVGSURKC KINGBRIGHT-KPTF-3216PBVGSURKC Datasheet
197Kb / 6P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
APTF3216SURKCGKPBAC KINGBRIGHT-APTF3216SURKCGKPBAC Datasheet
254Kb / 7P
   3.2mm x 1.6mm FULL-COLOR SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZMDKBBA55W-7 SUNLED-ZMDKBBA55W-7 Datasheet
218Kb / 5P
   3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
ZMDKVG55W-7 SUNLED-ZMDKVG55W-7 Datasheet
218Kb / 5P
   3.2mm x 1.6mm BI-COLOR SURFACE MOUNT LED LAMP
logo
LUMEX INC.
SML-LX1206IW-TR LUMEX-SML-LX1206IW-TR Datasheet
161Kb / 2P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1206SUGC-TR LUMEX-SML-LXL1206SUGC-TR Datasheet
145Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LXL1307SUGC-TR LUMEX-SML-LXL1307SUGC-TR Datasheet
58Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
OED-CL1307C50-TR LUMEX-OED-CL1307C50-TR Datasheet
64Kb / 1P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
SML-LX1206SGW-TR LUMEX-SML-LX1206SGW-TR Datasheet
159Kb / 2P
   3.2mm X 1.6mm PCB SURFACE MOUNT LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com