Part Name
         Description
SA43-13YWA

 10.92mm (0.43INCH) SINGLE DIGIT NUMERIC DISPLAY ( 4 Page)


KINGBRIGHT
100% 
Zoom Out Zoom In
   
 1 page
background image
SPEC NO: DSAD2266
REV NO: V.9
DATE: MAY/15/2007
PAGE: 1 OF 4
APPROVED: WYNEC
CHECKED: Joe Lee
DRAWN: Y.L.LI
ERP: 1301000485
10.92mm (0.43INCH) SINGLE DIGIT NUMERIC
DISPLAY
Part Number: SA43-13YWA
Yellow
Features
0.43 INCH DIGIT HEIGHT.
LOW CURRENT OPERATION.
EXCELLENT CHARACTER APPEARANCE.
EASY MOUNTING ON P.C. BOARDS OR SOCKETS.
I.C. COMPATIBLE.
MECHANICALLY RUGGED.
STANDARD : GRAY FACE, WHITE SEGMENT.
RoHS COMPLIANT.
Description
The Yellow source color devices are made with Gallium
Arsenide Phosphide on Gallium Phosphide Yellow Light
Emitting Diode.
Package Dimensions& Internal Circuit Diagram
Notes:
1. All dimensions are in millimeters (inches), Tolerance is ±0.25(0.01")unless otherwise noted.
2. Specifications are subject to change without notice.



Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SA43-11EWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SA43-11SRWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-13YWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-13SRWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-13GWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-13EWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-11YWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-11SRWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-11GWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC DISPLAY 1 2 3 4 Kingbright Corporation
SC43-11EWA10.92mm 0.43INCH SINGLE DIGIT NUMERIC 1 2 3 4 Kingbright Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl